Electronic Components Datasheet Search
  English  ▼

X  

OPA650 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA650
Description  Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA650 Datasheet(HTML) 1 Page - Texas Instruments

  OPA650 Datasheet HTML 1Page - Texas Instruments OPA650 Datasheet HTML 2Page - Texas Instruments OPA650 Datasheet HTML 3Page - Texas Instruments OPA650 Datasheet HTML 4Page - Texas Instruments OPA650 Datasheet HTML 5Page - Texas Instruments OPA650 Datasheet HTML 6Page - Texas Instruments OPA650 Datasheet HTML 7Page - Texas Instruments OPA650 Datasheet HTML 8Page - Texas Instruments OPA650 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
BurrBrown Products
from Texas Instruments
OP
A2652
TM
Dual, 700MHz, Voltage-Feedback
FEATURES
DESCRIPTION
APPLICATIONS
1/2
OPA2652
1/2
OPA2652
DifferentialADCDriver
ADS807
12-Bit
53MHz
+In
CM
-In
+5V
402W
+5V
24.9W
133W
V
IN
200W
22pF
1.00kW
0.1 F
m
-5V
402W
24.9W
133W
200W
-
+
22pF
0.1 F
m
0.1 F
m
1.00kW
OPA2652
SBOS125A – JUNE 2000 – REVISED MAY 2006
OPERATIONAL AMPLIFIER
•
WIDEBAND BUFFER: 700MHz, G = +1
The OPA2652 is a dual, low-cost, wideband voltage
feedback
amplifier
intended
for
price-sensitive
•
WIDEBAND LINE DRIVER: 200MHz, G = +2
applications. It features a high gain bandwidth
•
HIGH OUTPUT CURRENT: 140mA
product of 200MHz on only 5.5mA/channel quiescent
•
LOW SUPPLY CURRENT: 5.5mA/Ch
current. Intended for operation on
±5V supplies, it
•
ULTRA-SMALL PACKAGE: SOT23-8
also supports applications on a single supply from
+6V to +12V with 140mA output current. Its classical
•
LOW dG/d
φ: 0.05%/0.03°
differential input, voltage-feedback design allows
•
HIGH SLEW RATE: 335V/
µsec
wide
application
in
active
filters,
integrators,
•
SUPPLY VOLTAGE:
±3V to ±6V
transimpedance amplifiers, and differential receivers.
The OPA2652 is internally compensated for unity
gain stability. It has exceptional bandwidth (700MHz)
•
A/D DRIVERS
as a unity gain buffer, with little peaking (0dB typ).
•
CONSUMER VIDEO
Excellent DC accuracy is achieved with a low 1.5mV
input offset voltage and 300nA input offset current.
•
ACTIVE FILTERS
•
PULSE DELAY CIRCUITS
RELATED PRODUCTS
•
LOW COST UPGRADE TO THE AD8056
SINGLES
DUALS
TRIPLES
QUADS
NOTES
OR EL2210
OPA650
OPA2650
—
OPA4650
±5V Spec
OPA680
OPA2680
OPA3680
—
+5V Capable
OPA631
OPA2631
—
—
+3V Capable
OPA634
OPA2634
—
—
+3V Capable
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA650

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA650 BURR-BROWN-OPA650 Datasheet
183Kb / 12P
Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA650 TI1-OPA650 Datasheet
833Kb / 23P
Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA650 TI1-OPA650 Datasheet
148Kb / 13P
Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA650N BURR-BROWN-OPA650N Datasheet
183Kb / 12P
Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA650N TI1-OPA650N Datasheet
148Kb / 13P
Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA650

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2652 BURR-BROWN-OPA2652 Datasheet
154Kb / 15P
Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150 Datasheet
203Kb / 13P
700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
March 2000
logo
Linear Technology
LT1886 LINER-LT1886 Datasheet
331Kb / 16P
Dual 700MHz, 200mA Operational Amplifier
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150_04 Datasheet
341Kb / 11P
700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
June 2004
logo
Burr-Brown (TI)
OPA2652 BURR-BROWN-OPA2652_07 Datasheet
507Kb / 20P
Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA2652 NSC-OPA2652 Datasheet
826Kb / 23P
Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1886 LINER-LT1886_15 Datasheet
277Kb / 16P
Dual 700MHz, 200mA Operational Amplifier
logo
Texas Instruments
OPA2652 TI1-OPA2652 Datasheet
833Kb / 23P
Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA687 TI1-OPA687 Datasheet
301Kb / 17P
Voltage Feedback OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
HFA1150 RENESAS-HFA1150 Datasheet
713Kb / 11P
700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com