Electronic Components Datasheet Search
  English  ▼

X  

OPA4872 Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA4872
Description  4:1 High-Speed Multiplexer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA4872 Datasheet(HTML) 2 Page - Texas Instruments

  OPA4872 Datasheet HTML 1Page - Texas Instruments OPA4872 Datasheet HTML 2Page - Texas Instruments OPA4872 Datasheet HTML 3Page - Texas Instruments OPA4872 Datasheet HTML 4Page - Texas Instruments OPA4872 Datasheet HTML 5Page - Texas Instruments OPA4872 Datasheet HTML 6Page - Texas Instruments OPA4872 Datasheet HTML 7Page - Texas Instruments OPA4872 Datasheet HTML 8Page - Texas Instruments OPA4872 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
1
2
3
4
5
6
7
14
13
12
11
10
9
8
SD
EN
A1
IN0
GND
IN2
V-
IN1
IN3
V+
OUT
FB
A0
GND
OPA4872
OPA4872
SBOS346C
– JUNE 2007 – REVISED MARCH 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
Table 1. ORDERING INFORMATION(1)
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
OPA4872ID
Rails, 50
OPA4872
SO-14
D
–40°C to +85°C
OPA4872
OPA4872IDR
Tape and Reel, 2500
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
OPA4872
UNIT
Power supply
±6.5
V
Internal power dissipation
See Thermal Characteristics
Input voltage range
±VS
V
Storage temperature range
–65 to +125
°C
Junction temperature (TJ)
+150
°C
Junction temperature: continuous operation, long-term reliability
+140
°C
Human body model (HBM)
1300
V
ESD rating
Charged device model (CDM)
1000
V
Machine model (MM)
200
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
PIN CONFIGURATION
D PACKAGE
SO-14
(TOP VIEW)
2
Submit Documentation Feedback
Copyright
© 2007–2011, Texas Instruments Incorporated
Product Folder Link(s): OPA4872



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com