Electronic Components Datasheet Search
  English  ▼

X  

OPA4872 Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA4872
Description  4:1 High-Speed Multiplexer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA4872 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA4872 Datasheet HTML 4Page - Texas Instruments OPA4872 Datasheet HTML 5Page - Texas Instruments OPA4872 Datasheet HTML 6Page - Texas Instruments OPA4872 Datasheet HTML 7Page - Texas Instruments OPA4872 Datasheet HTML 8Page - Texas Instruments OPA4872 Datasheet HTML 9Page - Texas Instruments OPA4872 Datasheet HTML 10Page - Texas Instruments OPA4872 Datasheet HTML 11Page - Texas Instruments OPA4872 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
1M
100k
10k
1k
100
10
Frequency(Hz)
10k
100k
1M
10M
100M
1G
0
-45
-90
-135
-180
-225
<Z
OL
½
½
Z
OL
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
Frequency(Hz)
1M
10M
100M
1G
Input-referred
1M
100k
10k
1k
100
10
1
0.1
Frequency(Hz)
100k
1M
10M
100M
1G
Disabled(orShutdown)
Enabled
100M
10M
1M
100k
10k
1k
100
Frequency(Hz)
10k
100k
1M
10M
100M
1G
Disabled
Enabled
78.00
76.75
75.50
74.25
73.00
71.75
70.50
69.25
68.00
AmbientTemperature( C)
°
-50
-25
0
25
50
75
100
125
15.00
13.75
12.50
11.25
10.00
8.75
7.50
6.25
5.00
SupplyCurrent(I )
Q
+I
OUT
-IOUT
60
50
40
30
20
10
0
Frequency(Hz)
1k
10k
100k
1M
10M
100M
1G
-PSRR
+PSRR
Input-referred
OPA4872
SBOS346C
– JUNE 2007 – REVISED MARCH 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, G = +2V/V, RF = 523Ω, and RL = 150Ω, unless otherwise noted.
OPEN-LOOP TRANSIMPEDANCE GAIN AND PHASE vs
ALL HOSTILE CROSSTALK vs FREQUENCY
FREQUENCY
Figure 19.
Figure 20.
CLOSED-LOOP OUTPUT IMPEDANCE vs FREQUENCY
INPUT IMPEDANCE vs FREQUENCY
Figure 21.
Figure 22.
PSRR vs FREQUENCY
OUTPUT AND SUPPLY CURRENT vs TEMPERATURE
Figure 23.
Figure 24.
8
Submit Documentation Feedback
Copyright
© 2007–2011, Texas Instruments Incorporated
Product Folder Link(s): OPA4872



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com