Electronic Components Datasheet Search
  English  ▼

X  

OPA4872 Datasheet(PDF) 11 Page - Texas Instruments

Part # OPA4872
Description  4:1 High-Speed Multiplexer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA4872 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA4872 Datasheet HTML 7Page - Texas Instruments OPA4872 Datasheet HTML 8Page - Texas Instruments OPA4872 Datasheet HTML 9Page - Texas Instruments OPA4872 Datasheet HTML 10Page - Texas Instruments OPA4872 Datasheet HTML 11Page - Texas Instruments OPA4872 Datasheet HTML 12Page - Texas Instruments OPA4872 Datasheet HTML 13Page - Texas Instruments OPA4872 Datasheet HTML 14Page - Texas Instruments OPA4872 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
50W
+5V
50W
523W
OPA695
-5V
+5V
50W
511W
511W
OPA695
-5V
+5V
50W
453W
149W
OPA695
-5V
+5V
-5V
+5V
50W
402W
57.6W
OPA4872
OPA695
-5V
50W
To50
Load
W
Logic
IN0
IN1
IN2
IN3
A0 A1
523W
523W
SD
EN
G=1V/V
G=2V/V
G=4V/V
G=8V/V
OPA4872
www.ti.com
SBOS346C
– JUNE 2007 – REVISED MARCH 2011
2-BIT HIGH-SPEED PGA
When channel 0 is selected, the overall gain to the
matched load of the OPA4872 is 0dB. When channel
The OPA4872 can be used as a 2-bit, high-speed
1 is selected, this circuit delivers 6dB of gain to the
programmable gain amplifier (PGA) when used in
matched load. When channel 2 is selected, this circuit
conjunction with another amplifier. Figure 28 shows
delivers 12dB of gain to the matched load. When
one OPA695 used in series with each OPA4876 input
channel 3 is selected, this circuit delivers 18dB of
and configured with gains of +1V/V, +2V/V, +4V/V,
gain to the matched load.
and +8V/V, respectively.
Figure 28. 2-Bit, High-Speed PGA, Greater Than 300MHz Channel Bandwidth
Copyright
© 2007–2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): OPA4872



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com