Electronic Components Datasheet Search
  English  ▼

X  

OPA4872 Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA4872
Description  4:1 High-Speed Multiplexer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA4872 Datasheet(HTML) 4 Page - Texas Instruments

  OPA4872 Datasheet HTML 1Page - Texas Instruments OPA4872 Datasheet HTML 2Page - Texas Instruments OPA4872 Datasheet HTML 3Page - Texas Instruments OPA4872 Datasheet HTML 4Page - Texas Instruments OPA4872 Datasheet HTML 5Page - Texas Instruments OPA4872 Datasheet HTML 6Page - Texas Instruments OPA4872 Datasheet HTML 7Page - Texas Instruments OPA4872 Datasheet HTML 8Page - Texas Instruments OPA4872 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
OPA4872
SBOS346C
– JUNE 2007 – REVISED MARCH 2011
www.ti.com
ELECTRICAL CHARACTERISTICS: VS = ±5V (continued)
At TA = +25°C, G = +2V/V, RF = 523Ω, and RL = 150Ω, unless otherwise noted.
OPA4872
MIN/MAX OVER
TYP
TEMPERATURE
0
°C to
–40°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25
°C
+25
°C
(2)
+70
°C
(3)
+85
°C
(3)
UNITS
MAX
LEVEL
(1)
ENABLE (EN)
Power-down supply current
V EN = 0V
3.4
3.6
3.8
3.9
mA
max
A
Disable time
VIN = ±0.25VDC
25
ns
typ
C
Enable time
VIN = ±0.25VDC
6
ns
typ
C
Off isolation
G = +2V/V, f = 10MHz
88
dB
typ
C
Output resistance in disable
14
M
Ω
typ
C
Output capacitance in disable
2.5
pF
typ
C
DIGITAL INPUTS
Maximum logic 0
A0, A1, EN, SD
0.8
0.8
0.8
V
max
B
Minimum logic 1
A0, A1, EN, SD
2.0
2.0
2.0
V
min
B
Logic input current
A0 , A1, EN, SD, input = 0V each line
32
40
45
50
μA
max
A
Output switching glitch
Channel selection, at matched load
±20
mV
typ
C
Channel disable, at matched load
±40
mV
typ
C
Shutdown, at matched load
±40
mV
typ
C
SHUTDOWN
Shutdown supply current
VSD = 0V
1.1
1.3
1.4
1.5
mA
max
A
Shutdown time
VIN = ±0.25VDC
75
ns
typ
C
Enable time
VIN = ±0.25VDC
15
ns
typ
C
Off isolation
G = +2V/V, f = 10MHz
88
dB
typ
C
Output resistance in shutdown
14
M
Ω
typ
C
Output capacitance in shutdown
2.5
pF
typ
C
POWER SUPPLY
Specified operating voltage
±5
V
typ
C
Minimum operating voltage
±3.5
±3.5
±3.5
V
min
B
Maximum operating voltage
±6.0
±6.0
±6.0
V
max
A
Maximum quiescent current
VS = ±5V
10.6
11
11.5
11.7
mA
max
A
Minimum quiescent current
VS = ±5V
10.6
10
9.5
9.3
mA
min
A
(+PSRR)
Input-referred
–56
–50
–49
–48
dB
min
A
Power-supply rejection ratio
(
–PSRR)
Input-referred
–57
–51
–50
–49
dB
min
A
THERMAL CHARACTERISTICS
–40 to
Specified operating range, D package
°C
typ
C
+85
Thermal resistance,
θ JA
Junction-to-ambient
D
SO-14
80
°C/W
typ
C
4
Submit Documentation Feedback
Copyright
© 2007–2011, Texas Instruments Incorporated
Product Folder Link(s): OPA4872



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com