Electronic Components Datasheet Search
  English  ▼

X  

OPA335 Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA335
Description  Precision, High-Speed Transimpedance Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA335 Datasheet(HTML) 2 Page - Texas Instruments

  OPA335 Datasheet HTML 1Page - Texas Instruments OPA335 Datasheet HTML 2Page - Texas Instruments OPA335 Datasheet HTML 3Page - Texas Instruments OPA335 Datasheet HTML 4Page - Texas Instruments OPA335 Datasheet HTML 5Page - Texas Instruments OPA335 Datasheet HTML 6Page - Texas Instruments OPA335 Datasheet HTML 7Page - Texas Instruments OPA335 Datasheet HTML 8Page - Texas Instruments OPA335 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
OPA380
OPA2380
SBOS291G − NOVEMBER 2003 − REVISED SEPTEMBER 2007
www.ti.com
2
ABSOLUTE MAXIMUM RATINGS(1)
Voltage Supply
+7V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Signal Input Terminals(2), Voltage
−0.5V to (V+) + 0.5V
. . . . . . . . . .
Current
±10mA
. . . . . . . . . . . . . . . . . . . . .
Short-Circuit Current(3)
Continuous
. . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range
−40
°C to +125°C
. . . . . . . . . . . . . . .
Storage Temperature Range
−65
°C to +150°C
. . . . . . . . . . . . . . . . .
Junction Temperature
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (soldering, 10s)
+300
°C
. . . . . . . . . . . . . . . . . . . . .
ESD Rating (Human Body Model)
2000V
. . . . . . . . . . . . . . . . . . . . . . .
(1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods
may degrade device reliability. These are stress ratings only, and
functional operation of the device at these or any other conditions
beyond those specified is not implied.
(2) Input terminals are diode clamped to the power-supply rails. Input
signals that can swing more than 0.5V beyond the supply rails
should be current limited to 10mA or less.
(3) Short-circuit to ground; one amplifier per package.
ELECTROSTATIC DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to observe
proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE
MARKING
OPA380
MSOP-8
AUN
OPA380
MSOP-8
AUN
OPA380
SO-8
OPA380A
OPA380
SO-8
OPA380A
OPA2380
MSOP-8
BBX
OPA2380
MSOP-8
BBX
(1) For the most current package and ordering information, see the
Package Option Addendum at the end of this document, or see
the TI web site at www.ti.com.
PIN ASSIGNMENTS
Top View
1
2
3
4
8
7
6
5
NC(1)
V+
Out
NC(1)
NC(1)
−In
+In
V
−
OPA380
MSOP-8, SO-8
NOTES: (1) NC indicates no internal connection.
1
2
3
4
8
7
6
5
V+
Out B
−In B
+In B
Out A
−In A
+In A
V
−
OPA2380
MSOP-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com