Electronic Components Datasheet Search
  English  ▼

X  

OPA335 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA335
Description  Precision, High-Speed Transimpedance Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA335 Datasheet(HTML) 1 Page - Texas Instruments

  OPA335 Datasheet HTML 1Page - Texas Instruments OPA335 Datasheet HTML 2Page - Texas Instruments OPA335 Datasheet HTML 3Page - Texas Instruments OPA335 Datasheet HTML 4Page - Texas Instruments OPA335 Datasheet HTML 5Page - Texas Instruments OPA335 Datasheet HTML 6Page - Texas Instruments OPA335 Datasheet HTML 7Page - Texas Instruments OPA335 Datasheet HTML 8Page - Texas Instruments OPA335 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
FEATURES
D > 1MHz TRANSIMPEDANCE BANDWIDTH
D EXCELLENT LONG-TERM VOS STABILITY
D BIAS CURRENT: 50pA (max)
D OFFSET VOLTAGE: 25µV (max)
D DYNAMIC RANGE: 4 to 5 Decades
D DRIFT: 0.1µV/°C (max)
D GAIN BANDWIDTH: 90MHz
D QUIESCENT CURRENT: 7.5mA
D SUPPLY RANGE: 2.7V to 5.5V
D SINGLE AND DUAL VERSIONS
D MicroSize PACKAGE: MSOP-8
APPLICATIONS
D PHOTODIODE MONITORING
D PRECISION I/V CONVERSION
D OPTICAL AMPLIFIERS
D CAT-SCANNER FRONT-END
1M
Ω
R
F
100k
Ω
+5V
7
2
3
4
6
OPA380
67pF
75pF
−5V
R
P
(Optional
Pulldown
Resistor)
V
OUT
(0V to 4.4V)
Photodiode
DESCRIPTION
The OPA380 family of transimpedance amplifiers provides
high-speed (90MHz Gain Bandwidth [GBW]) operation, with
extremely high precision, excellent long-term stability, and
very low 1/f noise. It is ideally suited for high-speed
photodiode applications. The OPA380 features an offset
voltage of 25
µV, offset drift of 0.1µV/°C, and bias current of
50pA. The OPA380 far exceeds the offset, drift, and noise
performance that conventional JFET op amps provide.
The signal bandwidth of a transimpedance amplifier depends
largely on the GBW of the amplifier and the parasitic
capacitance of the photodiode, as well as the feedback
resistor. The 90MHz GBW of the OPA380 enables a trans-
impedance bandwidth of > 1MHz in most configurations. The
OPA380 is ideally suited for fast control loops for power level
on an optical fiber.
As a result of the high precision and low-noise characteristics
of the OPA380, a dynamic range of 4 to 5 decades can be
achieved.
For
example,
this
capability
allows
the
measurement of signal currents on the order of 1nA, and up
to 100
µA in a single I/V conversion stage. In contrast to
logarithmic amplifiers, the OPA380 provides very wide
bandwidth throughout the full dynamic range. By using an
external pull-down resistor to –5V, the output voltage range
can be extended to include 0V.
The OPA380 (single) is available in MSOP-8 and SO-8
packages. The OPA2380 (dual) is available in the
miniature MSOP-8 package. They are specified from
–40
°C to +125°C.
OPA380 RELATED DEVICES
PRODUCT
FEATURES
OPA300
150MHz CMOS, 2.7V to 5.5V Supply
OPA350
500
µV VOS, 38MHz, 2.5V to 5V Supply
OPA335
10
µV VOS, Zero-Drift, 2.5V to 5V Supply
OPA132
16MHz GBW, Precision FET Op Amp,
±15V
OPA656/7
230MHz, Precision FET,
±5V
LOG112
LOG amp, 7.5 decades,
±4.5V to ±18V Supply
LOG114
LOG amp, 7.5 decades,
±2.25V to ±5.5V Supply
IVC102
Precision Switched Integrator
DDC112
Dual Current Input, 20-Bit ADC
OPA380
OPA2380
SBOS291G − NOVEMBER 2003 − REVISED SEPTEMBER 2007
Precision, High-Speed
Transimpedance Amplifier
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright
 2003-2007, Texas Instruments Incorporated
All trademarks are the property of their respective owners.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - OPA335

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA335 BURR-BROWN-OPA335 Datasheet
354Kb / 18P
0.05UV/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
OPA335 BURR-BROWN-OPA335 Datasheet
362Kb / 18P
Precision, High-Speed Transimpedance Amplifier
OPA335 BURR-BROWN-OPA335 Datasheet
1Mb / 30P
0.05關V/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
OPA335 NSC-OPA335 Datasheet
1Mb / 32P
0.05關V/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
logo
Texas Instruments
OPA335 TI2-OPA335 Datasheet
845Kb / 26P
Precision, Low Power, 18MHz Transimpedance Amplifier
REVISED NOVEMBER 2004
More results

Similar Description - OPA335

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM318 NJRC-NJM318 Datasheet
213Kb / 6P
PRECISION HIGH-SPEED OPERATIONAL AMPLIFIER
logo
Sony Corporation
CXA1684M SONY-CXA1684M Datasheet
95Kb / 6P
High-Speed Transimpedance Amplifier
CXA1685M SONY-CXA1685M Datasheet
106Kb / 8P
High-Speed Transimpedance Amplifier
logo
Burr-Brown (TI)
IVC102 BURR-BROWN-IVC102 Datasheet
124Kb / 10P
PRECISION SWITCHED INTEGRATOR TRANSIMPEDANCE AMPLIFIER
OPA380 BURR-BROWN-OPA380 Datasheet
362Kb / 18P
Precision, High-Speed Transimpedance Amplifier
OPA2381 BURR-BROWN-OPA2381 Datasheet
489Kb / 19P
Precision, Low Power, 18MHz Transimpedance Amplifier
logo
Sony Corporation
CXA1547Q SONY-CXA1547Q Datasheet
280Kb / 5P
High-Speed Transimpedance Amplifier
logo
Texas Instruments
OPA380AID TI-OPA380AID Datasheet
695Kb / 22P
Precision, High-Speed Transimpedance Amplifier
IVC102 TI1-IVC102 Datasheet
664Kb / 15P
PRECISION SWITCHED INTEGRATOR TRANSIMPEDANCE AMPLIFIER
OPA381 TI1-OPA381 Datasheet
997Kb / 24P
Precision, Low Power, 18MHz Transimpedance Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com