Electronic Components Datasheet Search
  English  ▼

X  

OPA335 Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA335
Description  Precision, High-Speed Transimpedance Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA335 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA335 Datasheet HTML 4Page - Texas Instruments OPA335 Datasheet HTML 5Page - Texas Instruments OPA335 Datasheet HTML 6Page - Texas Instruments OPA335 Datasheet HTML 7Page - Texas Instruments OPA335 Datasheet HTML 8Page - Texas Instruments OPA335 Datasheet HTML 9Page - Texas Instruments OPA335 Datasheet HTML 10Page - Texas Instruments OPA335 Datasheet HTML 11Page - Texas Instruments OPA335 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
OPA380
OPA2380
SBOS291G − NOVEMBER 2003 − REVISED SEPTEMBER 2007
www.ti.com
8
TYPICAL CHARACTERISTICS: VS = +2.7V to +5.5V (continued)
All specifications at TA = +25°C, RL = 2kΩ connected to VS/2, and VOUT = VS/2, unless otherwise noted.
SMALL−SIGNAL OVERSHOOT vs LOAD CAPACITANCE
100
1000
10
50
45
40
35
30
25
20
15
10
5
0
Load Capacitance (pF)
R
S =100Ω
No R
S
−5V
V
OUT
R
P =2 k Ω
C
R
S
+5V
OPA38 0
2.5pF
10k
Ω
SMALL−SIGNAL OVERSHOOT vs LOAD CAPACITANCE
100
1000
10
50
45
40
35
30
25
20
15
10
5
0
Load Capacitance (pF)
R
S =100Ω
No R
S
V
OU T
R
F =2kΩ
C
R
S
+2.5V
−2.5V
OPA380
2.5pF
10k
Ω
OVERLOAD RECOVERY
Time (100ns/div)
3. 2pF
V P
V OUT
2kΩ
50k Ω
+5 V
IIN
1.6 m A
V
P =0V
V
P = − 5V
V
OUT
I
IN
SMALL−SIGNAL STEP RESPONSE
Time (100ns/div)
R
L =2kΩ
LARGE−SIGNAL STEP RESPONSE
Time (100ns/div)
R
L =2kΩ
10k
Ω
2.5V
−2.5V
2k
Ω
2.5pF
CHANNEL SEPARATION vs INPUT FREQUENCY
10
140
120
100
80
60
40
20
0
100
1k
10k
100k
1M
10M
100M
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com