Electronic Components Datasheet Search
  English  ▼

X  

OPA335 Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA335
Description  Precision, High-Speed Transimpedance Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA335 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA335 Datasheet HTML 6Page - Texas Instruments OPA335 Datasheet HTML 7Page - Texas Instruments OPA335 Datasheet HTML 8Page - Texas Instruments OPA335 Datasheet HTML 9Page - Texas Instruments OPA335 Datasheet HTML 10Page - Texas Instruments OPA335 Datasheet HTML 11Page - Texas Instruments OPA335 Datasheet HTML 12Page - Texas Instruments OPA335 Datasheet HTML 13Page - Texas Instruments OPA335 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
OPA380
OPA2380
SBOS291G − NOVEMBER 2003 − REVISED SEPTEMBER 2007
www.ti.com
10
OUTPUT RANGE
The OPA380 is specified to swing within at least 600mV
of the positive rail and 100mV of the negative rail with
a 2k
Ω load with excellent linearity. Swing to the negative
rail while maintaining good linearity can be extended to
0V—see the section, Achieving Output Swing to
Ground. See the Typical Characteristic curve, Output
Voltage Swing vs Output Current.
The OPA380 can swing slightly closer than specified to
the positive rail; however, linearity will decrease and a
high-speed overload recovery clamp limits the amount
of positive output voltage swing available, as shown in
Figure 2.
20
15
10
5
0
−5
−10
−15
−20
OFFSET VOLTAGE vs OUTPUT VOLTAGE
V
OUT (V)
0
123
4
5
V
S =5V
R
P =2kΩ connected to −5V
R
L =2kΩ connected to VS /2
Effect of clamp
Figure 2. Effect of High-Speed Overload
Recovery Clamp on Output Voltage
OVERLOAD RECOVERY
The OPA380 has been designed to prevent output
saturation. After being overdriven to the positive rail, it
will typically require only 100ns to return to linear
operation. The time required for negative overload
recovery is greater, unless a pull-down resistor
connected to a more negative supply is used to extend
the output swing all the way to the negative rail—see the
following section, Achieving Output Swing to Ground.
ACHIEVING OUTPUT SWING TO GROUND
Some applications require output voltage swing from
0V to a positive full-scale voltage (such as +4.096V)
with excellent accuracy. With most single-supply op
amps,
problems
arise
when
the
output
signal
approaches 0V, near the lower output swing limit of a
single-supply op amp. A good single-supply op amp
may swing close to single-supply ground, but will not
reach 0V.
The output of the OPA380 can be made to swing to
ground, or slightly below, on a single-supply power
source. This extended output swing requires the use of
another resistor and an additional negative power
supply. A pull-down resistor may be connected between
the output and the negative supply to pull the output
down to 0V. See Figure 3.
OPA380
V
OUT
R
F
R
P =2kΩ
V+ = +5V
V
− =Gnd
V
P = −5V
Negative Supply
λ
Figure 3. Amplifier with Optional Pull-Down
Resistor to Achieve VOUT = 0V
The OPA380 has an output stage that allows the output
voltage to be pulled to its negative supply rail using this
technique. However, this technique only works with
some types of output stages. The OPA380 has been
designed to perform well with this method. Accuracy is
excellent down to 0V. Reliable operation is assured over
the specified temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com