Electronic Components Datasheet Search
  English  ▼

X  

OPA698 Datasheet(PDF) 30 Page - Texas Instruments

Part # OPA698
Description  UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA698 Datasheet(HTML) 30 Page - Texas Instruments

Back Button OPA698 Datasheet HTML 26Page - Texas Instruments OPA698 Datasheet HTML 27Page - Texas Instruments OPA698 Datasheet HTML 28Page - Texas Instruments OPA698 Datasheet HTML 29Page - Texas Instruments OPA698 Datasheet HTML 30Page - Texas Instruments OPA698 Datasheet HTML 31Page - Texas Instruments OPA698 Datasheet HTML 32Page - Texas Instruments OPA698 Datasheet HTML 33Page - Texas Instruments OPA698 Datasheet HTML 34Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
www.ti.com
Power Supplies
Input and ESD Protection
OPA698M
SGLS287A – MAY 2005 – REVISED MARCH 2006
The OPA698 is nominally specified for operation using either ±5-V supplies or a single +5-V supply. The
maximum specified total supply voltage of 12 V allows reasonable tolerances on the supplies. Higher supply
voltages can break down internal junctions, possibly leading to catastrophic failure. Single-supply operation is
possible as long as common-mode voltage constraints are observed. The common-mode input and output
voltage specifications can be interpreted as required headroom to the supply voltage. Observing this input and
output headroom requirement allows design of non-standard or single-supply operation circuits. Figure 48 shows
one approach to single-supply operation.
ESD damage has been known to damage MOSFET devices, but any semiconductor device is vulnerable to ESD
damage. This is particularly true for high-speed, fine geometry processes. ESD damage can cause subtle
changes in amplifier input characteristics without necessarily destroying the device. In precision operational
amplifiers, this may cause a noticeable degradation of offset voltage and drift. Therefore, ESD handling
precautions are required when handling the OPA698.
30
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com