Electronic Components Datasheet Search
  English  ▼

X  

OPA698 Datasheet(PDF) 17 Page - Texas Instruments

Part # OPA698
Description  Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA698 Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA698 Datasheet HTML 13Page - Texas Instruments OPA698 Datasheet HTML 14Page - Texas Instruments OPA698 Datasheet HTML 15Page - Texas Instruments OPA698 Datasheet HTML 16Page - Texas Instruments OPA698 Datasheet HTML 17Page - Texas Instruments OPA698 Datasheet HTML 18Page - Texas Instruments OPA698 Datasheet HTML 19Page - Texas Instruments OPA698 Datasheet HTML 20Page - Texas Instruments OPA698 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
OPA699
17
SBOS261D
www.ti.com
To choose the values for both CS and CF, two parameters and
only three equations need to be solved. The first parameter is
the target high-frequency noise gain (NG2), which should be
greater than the minimum stable gain for the OPA699. Here,
a target of NG2 = 26 is used. The second parameter is the
desired low-frequency signal gain, which also sets the low-
frequency noise gain (NG1). To simplify this discussion, we will
target a maximally flat 2nd-order low-pass Butterworth fre-
quency response (Q = 0.707). The signal gain shown in Figure
5 sets the low-frequency noise gain to NG1 = 1 + RF/RG (= 2
in this example). Then, using only these two gains and the
gain bandwidth product for the OPA699 (1000MHz), the key
frequency in the compensation is set by Equation1.
Z
GBP
NG
NG
NG
NG
NG
O =−


−−
1
2
1
2
1
2
11 2
(1)
Physically, this ZO (22.3MHz for the values shown above) is
set by 1/(2
πR
F(CF + CS)) and is the frequency at which the
rising portion of the noise gain would intersect the unity gain
if projected back to a 0dB gain. The actual zero in the noise
gain occurs at NG1 • ZO and the pole in the noise gain occurs
at NG2 • ZO. That pole is physically set by 1/(RFCF). Since
GBP is expressed in Hz, multiply ZO by 2π and use to get CF
by solving Equation 2.
C
RZ NG
pF
F
F
O
==
(
)
1
2
3
2
π
(2)
Finally, since CS and CF set the high-frequency noise gain,
determine CS using Equation 3 (solving for CS by using
NG2 = 6):
CNG
C
S
F
=−
(
)
2
1
(3)
which gives CS = 15pF.
Both of these calculated values have been reduced slightly
in Figure 5 to account for parasitics. The resulting closed-
loop bandwidth is approximately equal to Equation 4.
f
Z
GBP
dB
O
–3
≅
•
(4)
For the values shown in Figure 5, f–3dB is approximately
149MHz. This is less than that predicted by simply dividing
the Gain Bandwidth Product (GBP) product by NG1. The
compensation network controls the bandwidth to a lower
value, while providing the full slew rate at the output and an
improved distortion performance due to increased loop gain
at frequencies below NG1 • ZO.
LOW DISTORTION, LIMITED OUTPUT,
ADC INPUT DRIVER
Figure 6 shows a simple ADC driver that operates on a single
supply, and gives excellent distortion performance. The limit
voltages track the input range of the converter, completely
protecting against input overdrive. Note that the limiting
voltages have been set 100mV above/below the correspond-
ing reference voltage from the converter. This circuit also
implements an improved distortion for an inverting gain of
–2 using external compensation.
OPA699
V
S = +5V
4
2
3
7
5
8
6
V
S = +5V
+3.5V
+1.5V
REFB
REFT
IN
V
IN
0.1
µF
100pF
V
H = +3.6V
V
L = +1.4V
0.1
µF
0.1
µF
18pF
1000pF
4pF
750
Ω
24.9
Ω
374
Ω
562
Ω
102
Ω
1.4k
Ω
1.4k
Ω
102
Ω
562
Ω
ADS822
10-Bit
40MSPS
10-Bit
Data
V
S = +5V
INT/EXT
RSEL
+V
S
GND
FIGURE 6. Single Supply, Limiting ADC Input Driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com