Electronic Components Datasheet Search
  English  ▼

X  

OPA698 Datasheet(PDF) 11 Page - Texas Instruments

Part # OPA698
Description  Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA698 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA698 Datasheet HTML 7Page - Texas Instruments OPA698 Datasheet HTML 8Page - Texas Instruments OPA698 Datasheet HTML 9Page - Texas Instruments OPA698 Datasheet HTML 10Page - Texas Instruments OPA698 Datasheet HTML 11Page - Texas Instruments OPA698 Datasheet HTML 12Page - Texas Instruments OPA698 Datasheet HTML 13Page - Texas Instruments OPA698 Datasheet HTML 14Page - Texas Instruments OPA698 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
OPA699
11
SBOS261D
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V (Cont.)
TA = +25°C, G = +6, RF = 750Ω, and RL = 500Ω, VH = –VL = 2V, unless otherwise noted.
VOLTAGE RANGES vs TEMPERATURE
Ambient Temperature (
°C)
−50
−25
75
50
25
0
100
5.0
4.5
4.0
3.5
3.0
Output Voltage Range
V
H = –VL = 4.3V
Common-Mode Input Range
LIMITED VOLTAGE RANGE vs TEMPERATURE
Ambient Temperature (
°C)
−50
−25
75
50
25
0
100
4.0
3.9
3.8
3.7
3.6
3.5
3.4
3.3
3.2
3.1
3.0
V
H
V
L
V
H and VL left open
Internal Default Limited Voltage
LIMITER INPUT BIAS CURRENT vs BIAS VOLTAGE
Limiter Headroom (V)
0
1.0
0.5
4.0
4.5
3.5
3.0
2.5
2.0
1.5
5.0
100
75
50
25
0
–25
–50
–75
–100
Maximum Over Temperature
Minimum Over Temperature
Limiter Headroom = +V
S – VH
=V
L – (–VS)
Current = I
VH or –IVL
SUPPLY AND OUTPUT CURRENTS
vs TEMPERATURE
Ambient Temperature (
°C)
–50
–25
0
75
50
25
100
20
18
16
14
12
10
100
98
96
94
92
90
Output Current, Sourcing
Supply Current
Output Current, Sinking
COMMON-MODE REJECTION RATIO AND
POWER-SUPPLY REJECTION vs FREQUENCY
Frequency (Hz)
10k
100k
10M
1M
100M
80
70
60
50
40
30
20
10
0
–PSRR
+PSRR
CMRR
TYPICAL DRIFT OVER TEMPERATURE
Ambient Temperature (
°C)
−50
−25
75
50
25
0
100
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
Input Bias Current (I
B)
Input Offset Voltage (V
OS)
Input Offset Current (I
OS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com