Electronic Components Datasheet Search
  English  ▼

X  

OPA698 Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA698
Description  Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA698 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA698 Datasheet HTML 6Page - Texas Instruments OPA698 Datasheet HTML 7Page - Texas Instruments OPA698 Datasheet HTML 8Page - Texas Instruments OPA698 Datasheet HTML 9Page - Texas Instruments OPA698 Datasheet HTML 10Page - Texas Instruments OPA698 Datasheet HTML 11Page - Texas Instruments OPA698 Datasheet HTML 12Page - Texas Instruments OPA698 Datasheet HTML 13Page - Texas Instruments OPA698 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
OPA699
10
SBOS261D
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V (Cont.)
TA = +25°C, G = +6, RF = 750Ω, and RL = 500Ω, VH = –VL = 2V, unless otherwise noted.
HARMONIC DISTORTION NEAR LIMITING VOLTAGES
± Limit Voltage (V)
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7 1.8
1.9
2.0
−40
−50
−60
−70
−80
−90
3rd-Harmonic
2nd-Harmonic
V
O = 0VDC ± 1VP
f = 5MHz
R
L = 500Ω
2-TONE, 3RD-ORDER INTERMODULATION
INTERCEPT
Frequency (MHz)
010
20
30
40
50
G = +6V/V
38
36
34
32
30
28
26
24
22
20
OPA699
750
Ω
150
Ω
500
Ω
P
O
V
H
Open
Open
V
L
P
I
140
120
100
80
60
40
20
0
RECOMMENDED R
S vs CAPACITIVE LOAD
Capacitive Load (pF)
1
10
100
1000
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Frequency (Hz)
1M
10M
100M
1G
18
15
12
9
6
3
0
V
O = 0.5VPP
G = +6
C
L = 1000pF
C
L = 100pF
C
L = Open
C
L = 10pF
OPA699
750
Ω
R
S
150
Ω
C
L
1k
Ω(1)
Note: (1) 1k
Ω(1) is optional.
V
IN
100
10
1
INPUT VOLTAGE AND CURRENT NOISE DENSITY
Frequency (Hz)
100
1k
10k
100k
1M
10M
Voltage Noise (4.1nV/
√Hz)
Current Noise (2pA/
√Hz)
OPEN-LOOP GAIN AND PHASE
Frequency (Hz)
10k
100k
100M
10M
1M
1G
70
60
50
40
30
20
10
0
–10
0
–30
–60
–90
–120
–150
–180
–210
–240
V
O = 0.5VPP
Phase
Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com