Electronic Components Datasheet Search
  English  ▼

X  

OPA698 Datasheet(PDF) 5 Page - Texas Instruments

Part # OPA698
Description  Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA698 Datasheet(HTML) 5 Page - Texas Instruments

  OPA698 Datasheet HTML 1Page - Texas Instruments OPA698 Datasheet HTML 2Page - Texas Instruments OPA698 Datasheet HTML 3Page - Texas Instruments OPA698 Datasheet HTML 4Page - Texas Instruments OPA698 Datasheet HTML 5Page - Texas Instruments OPA698 Datasheet HTML 6Page - Texas Instruments OPA698 Datasheet HTML 7Page - Texas Instruments OPA698 Datasheet HTML 8Page - Texas Instruments OPA698 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
OPA699
5
SBOS261D
www.ti.com
AC PERFORMANCE (see Figure 2)
Small Signal Bandwidth (VO < 0.5VPP)
G = +6
234
200
190
180
MHz
min
B
G = +12
83
MHz
typ
C
G = –6
242
MHz
typ
C
Gain Bandwidth Product (G
≥ +20)
VO < 0.5VPP
880
700
650
600
MHz
min
B
Gain Peaking
VO < 0.5VPP, G = +4
8
dB
typ
C
0.1dB Gain Flatness Bandwidth
VO < 0.5VPP, G = +6
30
MHz
typ
C
Large-Signal Bandwidth
VO = 2VPP
250
200
190
180
MHz
min
B
Step Response
Slew Rate
2V Step
1050
850
800
700
V/
µsmin
B
Rise-and-Fall Time
0.5V Step
1.75
1.8
1.9
2.1
ns
max
B
Settling Time: 0.05%
2V Step
8
ns
typ
C
Spurious-Free Dynamic Range, Even
f = 5MHz, VO = 2VPP
64
61
60
58
dB
min
B
Odd
f = 5MHz, VO = 2VPP
70
69
67
65
dB
min
B
Input Noise
Voltage Noise Density
f
≥ 1MHz
4.2
4.6
5.2
5.6
nV/
√Hz
max
B
Current Noise Density
f
≥ 1MHz
2.1
2.6
2.8
3.0
pA/
√Hz
max
B
DC PERFORMANCE
Open-Loop Voltage Gain (AOL)VO = VCM ± 0.5V
66
56
54
53
dB
min
A
Input Offset Voltage
±2
±6
±7
±8mV
max
A
Average Drift
—
±14
±14
µV/°Cmax
B
Input Bias Current(4)
+3
±10
±11
±12
µAmax
A
Average Drift
—
±25
±25
nA/
°Cmax
B
Input Offset Current
±0.4
±2
±2.5
±3
µAmax
A
Average Drift
—
±15
±15
nA/
°Cmax
B
INPUT
Common-Mode Rejection Ratio
Input Referred, VCM ±0.5V
58
54
53
52
dB
min
A
Common-Mode Input Range(5)
VCM ±0.8
VCM ±0.7
VCM ±0.7
VCM ±0.6
V
min
A
Input Impedance
M
Ω || pF
typ
C
Differential-Mode
0.32 || 1
Common-Mode
3.5 || 1
M
Ω || pF
typ
C
OUTPUT
VH = VCM + 1.8V, VL = VCM – 1.8V
Output Voltage Range
RL ≥ 500Ω
VCM ±1.6
VCM ±1.4
VCM ±1.4
VCM ±1.3
V
min
A
Current Output, Sourcing
+70
+60
+55
+50
mA
min
A
Sinking
–70
–60
–55
–50
mA
min
A
Closed-Loop Output Impedance
G = +4, f < 100kHz
0.2
Ω
typ
C
POWER SUPPLY
Operating Voltage, Specified
5
V
typ
C
Maximum
—
+12
+12
+12
V
max
A
Quiescent Current, Maximum
VS = +5V
14.3
14.9
15.1
15.3
mA
max
A
Minimum
VS = +5V
14.3
13.6
13.4
13.2
mA
min
A
Power-Supply Rejection Ratio
VS = 4.5V to 5.5V
+PSRR (Input Referred)
70
dB
typ
C
OPA699ID
0
°C to
–40
°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25
°C
+25
°C(1)
70
°C(2)
+85
°C(2)
UNITS
MAX LEVEL(3)
ELECTRICAL CHARACTERISTICS: VS = +5V
Boldface limits are tested at +25
°C.
G = +6, RF = 750Ω, RL = 500Ω tied to VCM = +2.5V, VL = VCM –1.2V, and VH = VCM +1.2V, (see Figure 2 for AC performance only), unless otherwise noted.
TYP
MIN/MAX OVER TEMPERATURE
NOTES: (1) Junction temperature = ambient temperature for low temperature limit and +25
°C Test Level A specifications. Junction temperature = ambient
temperature +23
°C at high temperature limit Test Level A specifications.
(2) Junction temperature = ambient at low temperature limit; junction temperature = ambient +1
°C at high temperature limit for over-temperature
tested specifications.
(3) Test Levels: (A) 100% tested at +25
°C. Over temperature limits by characterization and simulation. (B) Limits set by characterization and
simulation. (C) Typical value for information only.
(4) Current is considered positive out of node.
(5) CMIR tested as < 3dB degradation from minimum CMRR at specified limits.
(6) IVH (VH bias current) is negative, and IVL (VL bias current) is positive, under these conditions. See Note 3 and Figures 2 and 12.
(7) Limiter feedthrough is the ratio of the output magnitude to the sinewave added to VH (or VL) when VIN = 0.
(8) VH slew rate conditions are: VIN = VCM +0.4V, G = +6, VL = VCM –1.2V, VH = step between VCM +1.2V and VCM. VL slew rate conditions are similar.
(9) Linearity Guardband is defined for an output sinusoid (f = 5MHz, VO = VCM ±1VPP) centered between the limiter levels (VH and VL). It is the
difference between the limiter level and the peak output voltage where SFDR decreases by 3dB (see Figure 8).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com