Electronic Components Datasheet Search
  English  ▼

X  

LAN9252 Datasheet(PDF) 176 Page - Microchip Technology

Part # LAN9252
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252 Datasheet(HTML) 176 Page - Microchip Technology

Back Button LAN9252 Datasheet HTML 172Page - Microchip Technology LAN9252 Datasheet HTML 173Page - Microchip Technology LAN9252 Datasheet HTML 174Page - Microchip Technology LAN9252 Datasheet HTML 175Page - Microchip Technology LAN9252 Datasheet HTML 176Page - Microchip Technology LAN9252 Datasheet HTML 177Page - Microchip Technology LAN9252 Datasheet HTML 178Page - Microchip Technology LAN9252 Datasheet HTML 179Page - Microchip Technology LAN9252 Datasheet HTML 180Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 329 page
background image
LAN9252
DS00001909A-page 176
 2015 Microchip Technology Inc.
To read or write an MMD register, the following procedure must be observed:
1.
Write the PHY x MMD Access Control Register (PHY_MMD_ACCESS) with 00b (address) for the MMD Function
field and the desired MMD device (3 for PCS, 7 for Auto-Negotiation) for the MMD Device Address (DEVAD) field.
2.
Write the PHY x MMD Access Address/Data Register (PHY_MMD_ADDR_DATA) with the 16-bit address of the
desired MMD register to read/write within the previously selected MMD device (PCS or Auto-Negotiation).
3.
Write the PHY x MMD Access Control Register (PHY_MMD_ACCESS) with 01b (data) for the MMD Function
field and choose the previously selected MMD device (3 for PCS, 7 for Auto-Negotiation) for the MMD Device
Address (DEVAD) field.
4.
If reading, read the PHY x MMD Access Address/Data Register (PHY_MMD_ADDR_DATA), which contains the
selected MMD register contents. If writing, write the PHY x MMD Access Address/Data Register (PHY_M-
MD_ADDR_DATA) with the register contents intended for the previously selected MMD register.
Unless otherwise specified, reserved fields must be written with zeros if the register is written.
30
(Vendor Specific)
2
PHY x Vendor Specific MMD 1 Device ID 1 Register
(PHY_VEND_SPEC_MMD1_DEVID1_x)
3
PHY x Vendor Specific MMD 1 Device ID 2 Register
(PHY_VEND_SPEC_MMD1_DEVID2_x)
5
PHY x Vendor Specific MMD 1 Devices Present 1 Register
(PHY_VEND_SPEC_MMD1_PRESENT1_x)
6
PHY x Vendor Specific MMD 1 Devices Present 2 Register
(PHY_VEND_SPEC_MMD1_PRESENT2_x)
8
PHY x Vendor Specific MMD 1 Status Register
(PHY_VEND_SPEC_MMD1_STAT_x)
14
PHY x Vendor Specific MMD 1 Package ID 1 Register
(PHY_VEND_SPEC_MMD1_PKG_ID1_x)
15
PHY x Vendor Specific MMD 1 package ID 2 Register
(PHY_VEND_SPEC_MMD1_PKG_ID2_x)
TABLE 11-14: MMD REGISTERS (CONTINUED)
MMD DEVICE
ADDRESS
(IN DECIMAL)
INDEX
(IN DECIMAL)
REGISTER NAME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com