Electronic Components Datasheet Search
  English  ▼

X  

LAN9252 Datasheet(PDF) 59 Page - Microchip Technology

Part # LAN9252
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252 Datasheet(HTML) 59 Page - Microchip Technology

Back Button LAN9252 Datasheet HTML 55Page - Microchip Technology LAN9252 Datasheet HTML 56Page - Microchip Technology LAN9252 Datasheet HTML 57Page - Microchip Technology LAN9252 Datasheet HTML 58Page - Microchip Technology LAN9252 Datasheet HTML 59Page - Microchip Technology LAN9252 Datasheet HTML 60Page - Microchip Technology LAN9252 Datasheet HTML 61Page - Microchip Technology LAN9252 Datasheet HTML 62Page - Microchip Technology LAN9252 Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 59
LAN9252
8.3.2
INTERRUPT STATUS REGISTER (INT_STS)
This register contains the current status of the generated interrupts. A value of 1 indicates the corresponding interrupt
conditions have been met, while a value of 0 indicates the interrupt conditions have not been met. The bits of this register
reflect the status of the interrupt source regardless of whether the source has been enabled as an interrupt in the Inter-
rupt Enable Register (INT_EN). Where indicated as R/WC, writing a 1 to the corresponding bits acknowledges and
clears the interrupt.
Offset:
058h
Size:
32 bits
Bits
Description
Type
Default
31
Software Interrupt (SW_INT)
This interrupt is generated when the Software Interrupt Enable
(SW_INT_EN) bit of the Interrupt Enable Register (INT_EN) is set high.
Writing a one clears this interrupt.
R/WC
0b
30
Device Ready (READY)
This interrupt indicates that the device is ready to be accessed after a
power-up or reset condition.
R/WC
0b
29
RESERVED
RO
-
28
RESERVED
RO
-
27
PHY B Interrupt Event (PHY_INT_B)
This bit indicates an interrupt event from PHY B. The source of the interrupt
can be determined by polling the PHY x Interrupt Source Flags Register
(PHY_INTERRUPT_SOURCE_x).
RO
0b
26
PHY A Interrupt Event (PHY_INT_A)
This bit indicates an interrupt event from PHY A. The source of the interrupt
can be determined by polling the PHY x Interrupt Source Flags Register
(PHY_INTERRUPT_SOURCE_x).
RO
0b
25:23
RESERVED
RO
-
22
RESERVED
RO
-
21:20
RESERVED
RO
-
19
GP Timer (GPT_INT)
This interrupt is issued when the General Purpose Timer Count Register
(GPT_CNT) wraps past zero to FFFFh.
R/WC
0b
18
RESERVED
RO
-
17
Power Management Interrupt Event (PME_INT)
This interrupt is issued when a Power Management Event is detected as
configured in the Power Management Control Register (PMT_CTRL). Writ-
ing a '1' clears this bit. In order to clear this bit, all unmasked bits in the
Power Management Control Register (PMT_CTRL) must first be cleared.
Note:
The Interrupt De-assertion interval does not apply to the PME
interrupt.
R/WC
0b
16:13
RESERVED
RO
-
12
RESERVED
RO
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com