Electronic Components Datasheet Search
  English  ▼

X  

LAN9252 Datasheet(PDF) 19 Page - Microchip Technology

Part # LAN9252
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252 Datasheet(HTML) 19 Page - Microchip Technology

Back Button LAN9252 Datasheet HTML 15Page - Microchip Technology LAN9252 Datasheet HTML 16Page - Microchip Technology LAN9252 Datasheet HTML 17Page - Microchip Technology LAN9252 Datasheet HTML 18Page - Microchip Technology LAN9252 Datasheet HTML 19Page - Microchip Technology LAN9252 Datasheet HTML 20Page - Microchip Technology LAN9252 Datasheet HTML 21Page - Microchip Technology LAN9252 Datasheet HTML 22Page - Microchip Technology LAN9252 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 19
LAN9252
Note 3:
In copper mode, either channel 1 or 2 may function as the transmit pair while the other channel functions as
the receive pair. The pin name symbols for the twisted pair pins apply to a normal connection. If HP Auto-
MDIX is enabled and a reverse connection is detected or manually selected, the RX and TX pins will be
swapped internally.
Note 4:
Configuration strap pins are identified by an underlined symbol name. Configuration strap values are
latched on power-on reset or RST# de-assertion. Refer to Section 7.0, "Configuration Straps," on page 51
for more information.
1
Port BTP TX/RX
Positive
Channel 2
RXPB
AIO
Port B Twisted Pair Transmit/Receive Positive
Channel 2. See Note 3.
Port B FX RX
Positive
AI
Port B Fiber Receive Positive.
1
Port B TP TX/RX
Negative
Channel 2
RXNB
AIO
Port B Twisted Pair Transmit/Receive Negative
Channel 2. See Note 3.
Port B FX RX
Negative
AI
Port B Fiber Receive Negative.
1
Port B FX
Signal Detect
(SD)
FXSDB
ILVPECL
Port B Fiber Signal Detect. When FX-LOS mode is
not selected, this pin functions as the Signal Detect
input from the external transceiver. A level above
2 V (typ.) indicates valid signal.
When FX-LOS mode is selected, the input buffer is
disabled.
Port B FX
Loss Of Signal
(LOS)
FXLOSB
IS
(PU)
Port B Fiber Loss of Signal. When FX-LOS mode is
selected (via fx_los_strap_2), this pin functions as
the Loss of Signal input from the external trans-
ceiver. A high indicates LOS while a low indicates
valid signal.
When FX-LOS mode is not selected, the input buffer
and pull-up are disabled.
Port B FX-SD
Enable Strap
FXSDENB
AI
Port B FX-SD Enable. When FX-LOS mode is not
selected, this strap input selects between FX-SD
and copper twisted pair mode. A level above 1 V
(typ.) selects FX-SD.
When FX-LOS mode is selected, the input buffer is
disabled.
See Note 4.
Note:
Port B is connected to EtherCAT port 1.
TABLE 3-4:
LAN PORT B PIN DESCRIPTIONS (CONTINUED)
Num
Pins
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com