Electronic Components Datasheet Search
  English  ▼

X  

LAN9252 Datasheet(PDF) 90 Page - Microchip Technology

Part # LAN9252
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252 Datasheet(HTML) 90 Page - Microchip Technology

Back Button LAN9252 Datasheet HTML 86Page - Microchip Technology LAN9252 Datasheet HTML 87Page - Microchip Technology LAN9252 Datasheet HTML 88Page - Microchip Technology LAN9252 Datasheet HTML 89Page - Microchip Technology LAN9252 Datasheet HTML 90Page - Microchip Technology LAN9252 Datasheet HTML 91Page - Microchip Technology LAN9252 Datasheet HTML 92Page - Microchip Technology LAN9252 Datasheet HTML 93Page - Microchip Technology LAN9252 Datasheet HTML 94Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 329 page
background image
LAN9252
DS00001909A-page 90
 2015 Microchip Technology Inc.
9.5.5
ETHERCAT PROCESS RAM DATA FIFO ACCESS
9.5.5.1
Index Register Bypass FIFO Access
In addition to the indexed access, the Index Registers can be bypassed and the FIFOs accessed at address 18h-1Bh.
At this address, host write operations are to the EtherCAT Process RAM Write Data FIFO and host read operations are
from EtherCAT Process RAM Read Data FIFO. There is no associated Index Register.
The endianness of FIFO accesses using this method is specified by the FIFO Endianness bit in the Host Bus Interface
Configuration Register.
9.5.6
INDEXED ADDRESS MODE FUNCTIONAL TIMING DIAGRAMS
The following timing diagrams illustrate example indexed (non-multiplexed) addressing mode read and write cycles for
various configurations and bus sizes. These diagrams do not cover every supported host bus permutation, but are
selected to detail the main configuration differences (bus size, Configuration/Index/Data/FIFO-Direct cycles) within the
indexed addressing mode of operation.
The following should be noted for the timing diagrams in this section:
• The diagrams in this section depict active-high CS, RD, and WR signals. The polarities of these signals are select-
able via the HBI Chip Select Polarity, HBI Read, Read/Write Polarity, and HBI Write, Enable Polarity bits of the
PDI Configuration Register (HBI Modes), respectively. Refer to Section 9.3, "Control Line Polarity," on page 62 for
additional details.
• The diagrams in this section depict little endian byte ordering. However, configurable big and little endianess are
supported via the endianness bits in the Host Bus Interface Configuration Register. Endianess changes only the
order of the bytes involved, and not the overall timing requirements. Refer to Section 9.5.4.3, "Host Endianness,"
on page 87 for additional information.
• The diagrams in this section utilize RD and WR signals. Alternative RD_WR and ENB signaling is also supported,
similar to the multiplexed example in Section 9.4.4.3, "RD_WR / ENB Control Mode Examples". The HBI read/
write mode is selectable via the HBI Read/Write Mode bit of the PDI Configuration Register (HBI Modes). The
polarities of the RD_WR and ENB signals are selectable via the HBI Read, Read/Write Polarity, and HBI Write,
Enable Polarity bits of the PDI Configuration Register (HBI Modes).
• When accessing internal registers or FIFOs in 16 and 8-bit modes, consecutive address cycles must be within the
same DWORD until the DWORD is completely accessed (some internal registers are excluded from this require-
ment). Although BYTEs and WORDs can be accessed in any order, the diagrams in this section depict accessing
the lower address BYTE or WORD first.
9.5.6.1
Configuration Register Data Access
The figures in this section detail configuration register read and write operations in indexed address mode for 16 and 8-
bit modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com