Electronic Components Datasheet Search
  English  ▼

X  

LAN9252 Datasheet(PDF) 35 Page - Microchip Technology

Part # LAN9252
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252 Datasheet(HTML) 35 Page - Microchip Technology

Back Button LAN9252 Datasheet HTML 31Page - Microchip Technology LAN9252 Datasheet HTML 32Page - Microchip Technology LAN9252 Datasheet HTML 33Page - Microchip Technology LAN9252 Datasheet HTML 34Page - Microchip Technology LAN9252 Datasheet HTML 35Page - Microchip Technology LAN9252 Datasheet HTML 36Page - Microchip Technology LAN9252 Datasheet HTML 37Page - Microchip Technology LAN9252 Datasheet HTML 38Page - Microchip Technology LAN9252 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 35
LAN9252
5.2
Special Restrictions on Back-to-Back Cycles
5.2.1
BACK-TO-BACK WRITE-READ CYCLES
It is important to note that there are specific restrictions on the timing of back-to-back host write-read operations. These
restrictions concern reading registers after any write cycle that may affect the register. In all cases there is a delay
between writing to a register and the new value becoming available to be read. In other cases, there is a delay between
writing to a register and the subsequent side effect on other registers.
In order to prevent the host from reading stale data after a write operation, minimum wait periods have been established.
These periods are specified in Table 5-2. The host processor is required to wait the specified period of time after writing
to the indicated register before reading the resource specified in the table. Note that the required wait period is depen-
dent upon the register being read after the write.
Performing “dummy” reads of the Byte Order Test Register (BYTE_TEST) register is a convenient way to guarantee that
the minimum write-to-read timing restriction is met. Table 5-2 shows the number of dummy reads that are required
before reading the register indicated. The number of BYTE_TEST reads in this table is based on the minimum cycle
timing of 45ns. For microprocessors with slower busses the number of reads may be reduced as long as the total time
is equal to, or greater than the time specified in the table. Note that dummy reads of the BYTE_TEST register are not
required as long as the minimum time period is met.
Note that depending on the host interface mode in use, the basic host interface cycle may naturally provide sufficient
time between writes and read. It is required of the system design and register access mechanisms to ensure the proper
timing. For example, a write and read to the same register may occur faster than a write and read to different registers.
For 8 and 16-bit write cycles, the wait time for the back-to-back write-read operation applies only to the writing of the
last BYTE or WORD of the register, which completes a single DWORD transfer.
For Indexed Address mode HBI operation, the wait time for the back-to-back write-read operation applies only to access
to the internal registers and FIFOs. It does not apply to the Host Bus Interface Index Registers or the Host Bus Interface
Configuration Register.
TABLE 5-2:
READ AFTER WRITE TIMING RULES
After Writing...
wait for this many
nanoseconds...
or Perform this many
Reads of BYTE_TEST…
(assuming Tcyc of 45ns)
before reading...
any register
45
1
the same register
or any other register affected
by the write
Interrupt Configuration Regis-
ter (IRQ_CFG)
60
2
Interrupt Configuration Regis-
ter (IRQ_CFG)
Interrupt Enable Register
(INT_EN)
90
2
Interrupt Configuration Regis-
ter (IRQ_CFG)
60
2
Interrupt Status Register
(INT_STS)
Interrupt Status Register
(INT_STS)
180
4
Interrupt Configuration Regis-
ter (IRQ_CFG)
170
4
Interrupt Status Register
(INT_STS)
Power Management Control
Register (PMT_CTRL)
165
4
Power Management Control
Register (PMT_CTRL)
170
4
Interrupt Configuration Regis-
ter (IRQ_CFG)
160
4
Interrupt Status Register
(INT_STS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com