Electronic Components Datasheet Search
  English  ▼

X  

LAN9252 Datasheet(PDF) 104 Page - Microchip Technology

Part # LAN9252
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252 Datasheet(HTML) 104 Page - Microchip Technology

Back Button LAN9252 Datasheet HTML 100Page - Microchip Technology LAN9252 Datasheet HTML 101Page - Microchip Technology LAN9252 Datasheet HTML 102Page - Microchip Technology LAN9252 Datasheet HTML 103Page - Microchip Technology LAN9252 Datasheet HTML 104Page - Microchip Technology LAN9252 Datasheet HTML 105Page - Microchip Technology LAN9252 Datasheet HTML 106Page - Microchip Technology LAN9252 Datasheet HTML 107Page - Microchip Technology LAN9252 Datasheet HTML 108Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 329 page
background image
LAN9252
DS00001909A-page 104
 2015 Microchip Technology Inc.
Note 2:
The bit width format is: command bit width, address / dummy bit width, data bit width.
10.2.1
DEVICE INITIALIZATION
Until the device has been initialized to the point where the various configuration inputs are valid, the SPI/SQI interface
does not respond to and is not affected by any external pin activity.
Once device initialization completes, the SPI/SQI interface will ignore the pins until a rising edge of SCS# is detected.
10.2.1.1
SPI/SQI Slave Read Polling for Initialization Complete
Before device initialization, the SPI/SQI interface will not return valid data. To determine when the SPI/SQI interface is
functional, the Byte Order Test Register (BYTE_TEST) should be polled. Once the correct pattern is read, the interface
can be considered functional. At this point, the Device Ready (READY) bit in the Hardware Configuration Register
(HW_CFG) can be polled to determine when the device is fully configured.
10.2.2
ACCESS DURING AND FOLLOWING POWER MANAGEMENT
During any power management mode other than D0, reads and writes are ignored and the SPI/SQI interface does not
respond to and is not affected by any external pin activity.
Once the power management mode changes back to D0, the SPI/SQI interface will ignore the pins until a rising edge
of SCS# is detected.
To determine when the SPI/SQI interface is functional, the Byte Order Test Register (BYTE_TEST) should be polled.
Once the correct pattern is read, the interface can be considered functional. At this point, the Device Ready (READY)
bit in the Hardware Configuration Register (HW_CFG) can be polled to determine when the device is fully configured.
10.2.3
SPI CONFIGURATION COMMANDS
10.2.3.1
Enable SQI
The Enable SQI instruction changes the mode of operation to SQI. This instruction is supported in SPI bus protocol only
with clock frequencies up to 80 MHz. This instruction is not supported in SQI bus protocol.
The SPI slave interface is selected by first bringing SCS# active. The 8-bit EQIO instruction, 38h, is input into the SI/
SIO[0] pin one bit per clock. The SCS# input is brought inactive to conclude the cycle.
TABLE 10-2:
SQI INSTRUCTIONS
Instruction
Description
Bit width
Note 2
Inst.
code
Addr.
Bytes
Dummy
Bytes
Data
bytes
Max
Freq.
Configuration
RSTQIO
Reset SQI
4-0-0
FFh
0
0
0
80 MHz
Read
FASTREAD
Read at higher
speed
4-4-4
0Bh
2
3
4 to
80 MHz
Write
WRITE
Write
4-4-4
02h
2
0
4 to
80 MHz
Note:
The Host should only use single register reads (one data cycle per SCS# low) while polling the BYTE_TEST
register.
Note:
The Host should only use single register reads (one data cycle per SCS# low) while polling the BYTE_TEST
register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com