Electronic Components Datasheet Search
  English  ▼

X  

LAN9252 Datasheet(PDF) 130 Page - Microchip Technology

Part # LAN9252
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252 Datasheet(HTML) 130 Page - Microchip Technology

Back Button LAN9252 Datasheet HTML 126Page - Microchip Technology LAN9252 Datasheet HTML 127Page - Microchip Technology LAN9252 Datasheet HTML 128Page - Microchip Technology LAN9252 Datasheet HTML 129Page - Microchip Technology LAN9252 Datasheet HTML 130Page - Microchip Technology LAN9252 Datasheet HTML 131Page - Microchip Technology LAN9252 Datasheet HTML 132Page - Microchip Technology LAN9252 Datasheet HTML 133Page - Microchip Technology LAN9252 Datasheet HTML 134Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 329 page
background image
LAN9252
DS00001909A-page 130
 2015 Microchip Technology Inc.
Note 3:
If the mask bit is enabled and the internal interrupt signal has been de-asserted while ENERGYON is still
high, the internal interrupt signal will assert for 256 ms, approximately one second after ENERGYON goes
low when the Cable is unplugged. To prevent an unexpected assertion of the internal interrupt signal, the
ENERGYON interrupt mask should always be cleared as part of the ENERGYON interrupt service routine.
11.2.7.2
Alternate Interrupt Mode
The Alternate interrupt mode is enabled by setting the ALTINT bit of the PHY x Mode Control/Status Register (PHY_-
MODE_CONTROL_STATUS_x) to “1”. In this mode, to enable an interrupt, set the corresponding bit of the in the PHY
x Interrupt Mask Register (PHY_INTERRUPT_MASK_x) (see Table 11-3). To clear an interrupt, clear the interrupt
source and write a ‘1’ to the corresponding Interrupt Source Flag. Writing a ‘1’ to the Interrupt Source Flag will cause
the state machine to check the Interrupt Source to determine if the Interrupt Source Flag should clear or stay as a ‘1’. If
the condition to de-assert is true, then the Interrupt Source Flag is cleared and the internal interrupt signal is also deas-
serted. If the condition to de-assert is false, then the Interrupt Source Flag remains set, and the internal interrupt signal
remains asserted.
Note 4:
LINKSTAT is the internal link status and is not directly available in any register bit.
Note:
The Energy On (ENERGYON) bit in the PHY x Mode Control/Status Register (PHY_MODE_CON-
TROL_STATUS_x) is defaulted to a ‘1’ at the start of the signal acquisition process, therefore the INT7 bit
in the PHY x Interrupt Source Flags Register (PHY_INTERRUPT_SOURCE_x) will also read as a ‘1’ at
power-up. If no signal is present, then both Energy On (ENERGYON) and INT7 will clear within a few mil-
liseconds.
TABLE 11-3:
ALTERNATIVE INTERRUPT MODE MANAGEMENT TABLE
Mask
Interrupt Source Flag
Interrupt Source
Event to
Assert
interrupt
Condition
to
De-assert
Bit to Clear
interrupt
30.9
29.9
Link Up
LINKSTAT
See
Note 4
Link Status
Rising LINK-
STAT
LINKSTAT
low
29.9
30.8
29.8
Wake on LAN
WOL_INT
See
Note 5
Enabled
WOL event
Rising
WOL_INT
WOL_INT
low
29.8
30.7
29.7
ENERGYON
17.1
ENERGYON
Rising 17.1
17.1 low
29.7
30.6
29.6
Auto-Negotia-
tion complete
1.5
Auto-Negoti-
ate Com-
plete
Rising 1.5
1.5 low
29.6
30.5
29.5
Remote Fault
Detected
1.4
Remote
Fault
Rising 1.4
1.4 low
29.5
30.4
29.4
Link Down
1.2
Link Status
Falling 1.2
1.2 high
29.4
30.3
29.3
Auto-Negotia-
tion LP Acknowl-
edge
5.14
Acknowl-
edge
Rising 5.14
5.14 low
29.3
30.2
29.2
Parallel Detec-
tion Fault
6.4
Parallel
Detection
Fault
Rising 6.4
6.4 low
29.2
30.1
29.1
Auto-Negotia-
tion Page
Received
6.1
Page
Received
Rising 6.1
6.1 low
29.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com