Electronic Components Datasheet Search
  English  ▼

X  

LAN9252 Datasheet(PDF) 144 Page - Microchip Technology

Part # LAN9252
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252 Datasheet(HTML) 144 Page - Microchip Technology

Back Button LAN9252 Datasheet HTML 140Page - Microchip Technology LAN9252 Datasheet HTML 141Page - Microchip Technology LAN9252 Datasheet HTML 142Page - Microchip Technology LAN9252 Datasheet HTML 143Page - Microchip Technology LAN9252 Datasheet HTML 144Page - Microchip Technology LAN9252 Datasheet HTML 145Page - Microchip Technology LAN9252 Datasheet HTML 146Page - Microchip Technology LAN9252 Datasheet HTML 147Page - Microchip Technology LAN9252 Datasheet HTML 148Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 329 page
background image
LAN9252
DS00001909A-page 144
 2015 Microchip Technology Inc.
11.2.16.1
PHY x Basic Control Register (PHY_BASIC_CONTROL_x)
This read/write register is used to configure the PHY.
Index (decimal): 0
Size:
16 bits
Bits
Description
Type
Default
15
Soft Reset (PHY_SRST)
When set, this bit resets all the PHY registers to their default state, except
those marked as NASR type. This bit is self clearing.
0: Normal operation
1: Reset
R/W
SC
0b
14
Loopback (PHY_LOOPBACK)
This bit enables/disables the loopback mode. When enabled, transmissions
are not sent to network. Instead, they are looped back into the PHY.
0: Loopback mode disabled (normal operation)
1: Loopback mode enabled
R/W
0b
13
Speed Select LSB (PHY_SPEED_SEL_LSB)
This bit is used to set the speed of the PHY when the Auto-Negotiation
Enable (PHY_AN) bit is disabled.
0: 10 Mbps
1: 100 Mbps
R/W
1b
12
Auto-Negotiation Enable (PHY_AN)
This bit enables/disables Auto-Negotiation. When enabled, the Speed Select
LSB (PHY_SPEED_SEL_LSB) and Duplex Mode (PHY_DUPLEX) bits are
overridden.
This bit is forced to a 0 if the 100BASE-FX Mode (FX_MODE) bit of the PHY
x Special Modes Register (PHY_SPECIAL_MODES_x) is a high.
0: Auto-Negotiation disabled
1: Auto-Negotiation enabled
R/W
Note 6
11
Power Down (PHY_PWR_DWN)
This bit controls the power down mode of the PHY.
0: Normal operation
1: General power down mode
R/W
0b
10
RESERVED
RO
-
9
Restart Auto-Negotiation (PHY_RST_AN)
When set, this bit restarts the Auto-Negotiation process.
0: Normal operation
1: Auto-Negotiation restarted
R/W
SC
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com