Electronic Components Datasheet Search
  English  ▼

X  

LAN9252 Datasheet(PDF) 150 Page - Microchip Technology

Part # LAN9252
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252 Datasheet(HTML) 150 Page - Microchip Technology

Back Button LAN9252 Datasheet HTML 146Page - Microchip Technology LAN9252 Datasheet HTML 147Page - Microchip Technology LAN9252 Datasheet HTML 148Page - Microchip Technology LAN9252 Datasheet HTML 149Page - Microchip Technology LAN9252 Datasheet HTML 150Page - Microchip Technology LAN9252 Datasheet HTML 151Page - Microchip Technology LAN9252 Datasheet HTML 152Page - Microchip Technology LAN9252 Datasheet HTML 153Page - Microchip Technology LAN9252 Datasheet HTML 154Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 329 page
background image
LAN9252
DS00001909A-page 150
 2015 Microchip Technology Inc.
11.2.16.5
PHY x Auto-Negotiation Advertisement Register (PHY_AN_ADV_x)
This read/write register contains the advertised ability of the PHY and is used in the Auto-Negotiation process with the
link partner.
Index (decimal): 4
Size:
16 bits
Bits
Description
Type
Default
15
Next Page
0 = No next page ability
1 = Next page capable
R/W
0b
14
RESERVED
RO
-
13
Remote Fault
This bit determines if remote fault indication will be advertised to the link part-
ner.
0: Remote fault indication not advertised
1: Remote fault indication advertised
R/W
0b
12
Extended Next Page
Note:
This bit should be written as 0.
R/W
0b
11
Asymmetric Pause
This bit determines the advertised asymmetric pause capability.
0: No Asymmetric PAUSE toward link partner advertised
1: Asymmetric PAUSE toward link partner advertised
R/W
0b
10
Symmetric Pause
This bit determines the advertised symmetric pause capability.
0: No Symmetric PAUSE toward link partner advertised
1: Symmetric PAUSE toward link partner advertised
R/W
0b
9
RESERVED
RO
-
8
100BASE-X Full Duplex
This bit determines the advertised 100BASE-X full duplex capability.
0: 100BASE-X full duplex ability not advertised
1: 100BASE-X full duplex ability advertised
R/W
1b
7
100BASE-X Half Duplex
This bit determines the advertised 100BASE-X half duplex capability.
0: 100BASE-X half duplex ability not advertised
1: 100BASE-X half duplex ability advertised
R/W
0b
6
10BASE-T Full Duplex
This bit determines the advertised 10BASE-T full duplex capability.
0: 10BASE-T full duplex ability not advertised
1: 10BASE-T full duplex ability advertised
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com