Electronic Components Datasheet Search
  English  ▼

X  

LAN9252 Datasheet(PDF) 160 Page - Microchip Technology

Part # LAN9252
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252 Datasheet(HTML) 160 Page - Microchip Technology

Back Button LAN9252 Datasheet HTML 156Page - Microchip Technology LAN9252 Datasheet HTML 157Page - Microchip Technology LAN9252 Datasheet HTML 158Page - Microchip Technology LAN9252 Datasheet HTML 159Page - Microchip Technology LAN9252 Datasheet HTML 160Page - Microchip Technology LAN9252 Datasheet HTML 161Page - Microchip Technology LAN9252 Datasheet HTML 162Page - Microchip Technology LAN9252 Datasheet HTML 163Page - Microchip Technology LAN9252 Datasheet HTML 164Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 329 page
background image
LAN9252
DS00001909A-page 160
 2015 Microchip Technology Inc.
Note 7:
Register bits designated as NASR are reset when the PHY Reset is generated via the Reset Control Reg-
ister (RESET_CTL). The NASR designation is only applicable when the Soft Reset (PHY_SRST) bit of the
PHY x Basic Control Register (PHY_BASIC_CONTROL_x) is set.
2
RESERVED
RO
-
1
EDPD Extend Crossover
When in Energy Detect Power-Down (EDPD) mode (Energy Detect Power-
Down (EDPWRDOWN) = 1), setting this bit to 1 extends the crossover time
by 2976 ms.
0 = Crossover time extension disabled
1 = Crossover time extension enabled (2976 ms)
R/W
NASR
Note 7
0b
0
Extend Manual 10/100 Auto-MDIX Crossover Time
When Auto-Negotiation is disabled, setting this bit extends the Auto-MDIX
crossover time by 32 sample times (32 * 62 ms = 1984 ms). This allows the
link to be established with a partner PHY that has Auto-Negotiation enabled.
When Auto-Negotiation is enabled, this bit has no affect.
It is recommended that this bit is set when disabling AN with Auto-MDIX
enabled.
R/W
NASR
Note 7
1b
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com