Electronic Components Datasheet Search
  English  ▼

X  

LAN9252 Datasheet(PDF) 167 Page - Microchip Technology

Part # LAN9252
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252 Datasheet(HTML) 167 Page - Microchip Technology

Back Button LAN9252 Datasheet HTML 163Page - Microchip Technology LAN9252 Datasheet HTML 164Page - Microchip Technology LAN9252 Datasheet HTML 165Page - Microchip Technology LAN9252 Datasheet HTML 166Page - Microchip Technology LAN9252 Datasheet HTML 167Page - Microchip Technology LAN9252 Datasheet HTML 168Page - Microchip Technology LAN9252 Datasheet HTML 169Page - Microchip Technology LAN9252 Datasheet HTML 170Page - Microchip Technology LAN9252 Datasheet HTML 171Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 167
LAN9252
11.2.16.18 PHY x Special Control/Status Indication Register (PHY_SPECIAL_CONTROL_STAT_IND_x)
This read/write register is used to control various options of the PHY.
Note 15:
Register bits designated as NASR are reset when the PHY Reset is generated via the Reset Control Reg-
ister (RESET_CTL). The NASR designation is only applicable when the Soft Reset (PHY_SRST) bit of the
PHY x Basic Control Register (PHY_BASIC_CONTROL_x) is set.
Note 16:
The default value of this bit is a 1 if in 100BASE-FX mode, otherwise the default is a 0.
Index (decimal): 27
Size:
16 bits
Bits
Description
Type
Default
15
Auto-MDIX Control (AMDIXCTRL)
This bit is responsible for determining the source of Auto-MDIX control for
Port x.
0: Port x Auto-MDIX enabled
1: Port x Auto-MDIX determined by bits 14 and 13
R/W
NASR
Note 15
0b
14
Auto-MDIX Enable (AMDIXEN)
When the AMDIXCTRL bit of this register is set, this bit is used in conjunction
with the AMDIXSTATE bit to control the Port Auto-MDIX functionality as
shown in Table 11-13.
Auto-MDIX is not appropriate and should not be enabled for 100BASE-FX
mode.
R/W
NASR
Note 15
0b
13
Auto-MDIX State (AMDIXSTATE)
When the AMDIXCTRL bit of this register is set, this bit is used in conjunction
with the AMDIXEN bit to control the Port Auto-MDIX functionality as shown in
Table 11-13.
R/W
NASR
Note 15
0b
12
RESERVED
RO
-
11
SQE Test Disable (SQEOFF)
This bit controls the disabling of the SQE test (Heartbeat). SQE test is
enabled by default.
0: SQE test enabled
1: SQE test disabled
R/W
NASR
Note 15
0b
10:6
RESERVED
RO
-
5
Far End Fault Indication Enable (FEFI_EN)
This bit enables Far End Fault Generation and Detection. See Section
11.2.14.1, "100BASE-FX Far End Fault Indication," on page 141 for more
information.
R/W
Note 16
4
10Base-T Polarity State (XPOL)
This bit shows the polarity state of the 10Base-T.
0: Normal Polarity
1: Reversed Polarity
RO
0b
3:0
RESERVED
RO
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com