Electronic Components Datasheet Search
  English  ▼

X  

PCM1796DB Datasheet(PDF) 16 Page - Texas Instruments

Part # PCM1796DB
Description  24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1796DB Datasheet(HTML) 16 Page - Texas Instruments

Back Button PCM1796DB Datasheet HTML 12Page - Texas Instruments PCM1796DB Datasheet HTML 13Page - Texas Instruments PCM1796DB Datasheet HTML 14Page - Texas Instruments PCM1796DB Datasheet HTML 15Page - Texas Instruments PCM1796DB Datasheet HTML 16Page - Texas Instruments PCM1796DB Datasheet HTML 17Page - Texas Instruments PCM1796DB Datasheet HTML 18Page - Texas Instruments PCM1796DB Datasheet HTML 19Page - Texas Instruments PCM1796DB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 63 page
background image
PCM1796
SLES100A − DECEMBER 2003 − REVISED NOVEMBER 2006
www.ti.com
16
AUDIO DATA INTERFACE
Audio Serial Interface
The audio interface port is a 3-wire serial port. It includes LRCK (pin 4), BCK (pin 6), and DATA (pin 5). BCK is the
serial audio bit clock, and it is used to clock the serial data present on DATA into the serial shift register of the audio
interface. Serial data is clocked into the PCM1796 on the rising edge of BCK. LRCK is the serial audio left/right word
clock.
The PCM1796 requires the synchronization of LRCK and system clock, but does not need a specific phase relation
between LRCK and system clock.
If the relationship between LRCK and system clock changes more than
±6 BCK, internal operation is initialized within
1/fS and analog outputs are forced to the bipolar zero level until resynchronization between LRCK and system clock
is completed.
PCM Audio Data Formats and Timing
The PCM1796 supports industry-standard audio data formats, including standard right-justified, I2S, and
left-justified. The data formats are shown in Figure 27. Data formats are selected using the format bits, FMT[2:0],
in control register 18. The default data format is 24-bit I2S. All formats require binary 2s complement, MSB-first audio
data. Figure 26 shows a detailed timing diagram for the serial audio interface.
DATA
t(BCH)
1.4 V
BCK
LRCK
t(BCL)
t(LB)
t(BCY)
t(DS)
t(DH)
1.4 V
1.4 V
t(BL)
PARAMETERS
MIN
MAX
UNITS
t(BCY)
BCK pulse cycle time
70
ns
t(BCL)
BCK pulse duration, LOW
30
ns
t(BCH)
BCK pulse duration, HIGH
30
ns
t(BL)
BCK rising edge to LRCK edge
10
ns
t(LB)
LRCK edge to BCK rising edge
10
ns
t(DS)
DATA setup time
10
ns
t(DH)
DATA hold time
10
ns
—
LRCK clock data
50%
± 2 bit clocks
Figure 26. Timing of Audio Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com