Electronic Components Datasheet Search
  English  ▼

X  

PCM1796DB Datasheet(PDF) 18 Page - Texas Instruments

Part # PCM1796DB
Description  24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1796DB Datasheet(HTML) 18 Page - Texas Instruments

Back Button PCM1796DB Datasheet HTML 14Page - Texas Instruments PCM1796DB Datasheet HTML 15Page - Texas Instruments PCM1796DB Datasheet HTML 16Page - Texas Instruments PCM1796DB Datasheet HTML 17Page - Texas Instruments PCM1796DB Datasheet HTML 18Page - Texas Instruments PCM1796DB Datasheet HTML 19Page - Texas Instruments PCM1796DB Datasheet HTML 20Page - Texas Instruments PCM1796DB Datasheet HTML 21Page - Texas Instruments PCM1796DB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 63 page
background image
PCM1796
SLES100A − DECEMBER 2003 − REVISED NOVEMBER 2006
www.ti.com
18
External Digital Filter Interface and Timing
The PCM1796 supports an external digital filter interface comprising a 3- or 4-wire synchronous serial port, which
allows the use of an external digital filter. External filters include the Texas Instruments’ DF1704 and DF1706, the
Pacific Microsonics PMD200, or a programmable digital signal processor.
In the external DF mode, LRCK (pin 4), BCK (pin 6) and DATA (pin 5) are defined as WDCK, the word clock; BCK,
the bit clock; and DATA, the monaural data. The external digital filter interface is selected by using the DFTH bit of
control register 20, which functions to bypass the internal digital filter of the PCM1796.
When the DFMS bit of control register 19 is set, the PCM1796 can process stereo data. In this case, ZEROL (pin 1)
and ZEROR (pin 2) are defined as L-channel data and R-channel data input, respectively.
Detailed information for the external digital filter interface mode is provided in the APPLICATION FOR EXTERNAL
DIGITAL FILTER INTERFACE section of this data sheet.
Direct Stream Digital (DSD) Format Interface and Timing
The PCM1796 supports the DSD format interface operation, which includes out-of-band noise filtering using an
internal analog FIR filter. For DSD operation, SCK (pin 7) is redefined as BCK, DATA (pin 5) as DATAL (left channel
audio data), and LRCK (pin 4) as DATAR (right channel audio data). BCK (pin 6) must be forced low in the DSD mode.
The DSD format interface is activated by setting the DSD bit of control register 20.
Detailed information for the DSD mode is provided in the APPLICATION FOR DSD FORMAT (DSD MODE)
INTERFACE section of this data sheet.
TDMCA Interface
The PCM1796 supports the time-division-multiplexed command and audio (TDMCA) data format to enable control
of and communication with a number of external devices over a single serial interface.
Detailed information for the TDMCA format is provided in the TDMCA INTERFACE FORMAT section of this data
sheet.
FUNCTION DESCRIPTIONS
Zero Detect
The PCM1796 has a zero-detect function. When the PCM1796 detects the zero conditions as shown in Table 2, the
PCM1796 sets ZEROL (pin 1) and ZEROR (pin 2) to HIGH.
Table 2. Zero Conditions
MODE
DETECTING CONDITION AND TIME
PCM
DATA is continuously LOW for 1024 LRCKs.
External DF Mode
DATA is continuously LOW for 1024 WDCKs.
DSD
DZ0
There are an equal number of 1s and 0s in every 8 bits of DSD
input data for 23 ms.
DSD
DZ1
The input data is 1001 0110 continuously for 23 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com