Electronic Components Datasheet Search
  English  ▼

X  

PCM1796DB Datasheet(PDF) 14 Page - Texas Instruments

Part # PCM1796DB
Description  24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1796DB Datasheet(HTML) 14 Page - Texas Instruments

Back Button PCM1796DB Datasheet HTML 10Page - Texas Instruments PCM1796DB Datasheet HTML 11Page - Texas Instruments PCM1796DB Datasheet HTML 12Page - Texas Instruments PCM1796DB Datasheet HTML 13Page - Texas Instruments PCM1796DB Datasheet HTML 14Page - Texas Instruments PCM1796DB Datasheet HTML 15Page - Texas Instruments PCM1796DB Datasheet HTML 16Page - Texas Instruments PCM1796DB Datasheet HTML 17Page - Texas Instruments PCM1796DB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 63 page
background image
PCM1796
SLES100A − DECEMBER 2003 − REVISED NOVEMBER 2006
www.ti.com
14
SYSTEM CLOCK AND RESET FUNCTIONS
System Clock Input
The PCM1796 requires a system clock for operating the digital interpolation filters and advanced segment DAC
modulators. The system clock is applied at the SCK input (pin 7). The PCM1796 has a system clock detection circuit
that automatically senses the frequency at which the system clock is operating. Table 1 shows examples of system
clock frequencies for common audio sampling rates. If the oversampling rate of the delta-sigma modulator is selected
as 128 fS, the system clock frequency is required to be over 256 fS.
Figure 23 shows the timing requirements for the system clock input. For optimal performance, it is important to use
a clock source with low phase jitter and noise. One of the Texas Instruments PLL1700 family of multiclock generators
is an excellent choice for providing the PCM1796 system clock.
Table 1. System Clock Rates for Common Audio Sampling Frequencies
SAMPLING FREQUENCY
SYSTEM CLOCK FREQUENCY (fSCK) (MHz)
SAMPLING FREQUENCY
128 fS
192 fS
256 fS
384 fS
512 fS
768 fS
32 kHz
4.096(1)
6.144(1)
8.192
12.288
16.384
24.576
44.1 kHz
5.6488(1)
8.4672
11.2896
16.9344
22.5792
33.8688
48 kHz
6.144(1)
9.216
12.288
18.432
24.576
36.864
96 kHz
12.288
18.432
24.576
36.864
49.152(1)
73.728(1)
192 kHz
24.576
36.864
49.152(1)
73.728(1)
—(2)
—(2)
(1) This system clock rate is not supported in I2C fast mode.
(2) This system clock rate is not supported for the given sampling frequency.
t(SCKH)
t(SCY)
System Clock (SCK)
t(SCKL)
2 V
0.8 V
H
L
PARAMETERS
MIN
MAX
UNITS
t(SCY)
System clock pulse cycle time
13
ns
t(SCKH) System clock pulse duration, HIGH
0.4t(SCY)
ns
t(SCKL) System clock pulse duration, LOW
0.4t(SCY)
ns
Figure 23. System Clock Input Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com