Electronic Components Datasheet Search
  English  ▼

X  

PCM1796DB Datasheet(PDF) 24 Page - Texas Instruments

Part # PCM1796DB
Description  24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1796DB Datasheet(HTML) 24 Page - Texas Instruments

Back Button PCM1796DB Datasheet HTML 20Page - Texas Instruments PCM1796DB Datasheet HTML 21Page - Texas Instruments PCM1796DB Datasheet HTML 22Page - Texas Instruments PCM1796DB Datasheet HTML 23Page - Texas Instruments PCM1796DB Datasheet HTML 24Page - Texas Instruments PCM1796DB Datasheet HTML 25Page - Texas Instruments PCM1796DB Datasheet HTML 26Page - Texas Instruments PCM1796DB Datasheet HTML 27Page - Texas Instruments PCM1796DB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 63 page
background image
PCM1796
SLES100A − DECEMBER 2003 − REVISED NOVEMBER 2006
www.ti.com
24
TIMING DIAGRAM
SDA
SCL
t(BUF)
t(D-SU)
t(D-HD)
Start
t(LOW)
t(S-HD)
t(SCL-F)
t(SCL-R)
t(HI)
Repeated Start
t(RS-SU)
t(RS-HD)
t(SDA-F)
t(SDA-R)
t(P-SU)
Stop
t(SP)
TIMING CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
MAX
UNIT
f(SCL)
SCL clock frequency
Standard
100
kHz
f(SCL)
SCL clock frequency
Fast
400
kHz
t(BUF)
Bus free time between stop and start conditions
Standard
4.7
µs
t(BUF)
Bus free time between stop and start conditions
Fast
1.3
µs
t(LOW)
Low period of the SCL clock
Standard
4.7
µs
t(LOW)
Low period of the SCL clock
Fast
1.3
µs
t(HI)
High period of the SCL clock
Standard
4
µs
t(HI)
High period of the SCL clock
Fast
600
ns
t(RS-SU)
Setup time for (repeated) start condition
Standard
4.7
µs
t(RS-SU)
Setup time for (repeated) start condition
Fast
600
ns
t(S-HD)
Hold time for (repeated) start condition
Standard
4
µs
t(RS-HD)
Hold time for (repeated) start condition
Fast
600
ns
t(D-SU)
Data setup time
Standard
250
ns
t(D-SU)
Data setup time
Fast
100
ns
t(D-HD)
Data hold time
Standard
0
900
ns
t(D-HD)
Data hold time
Fast
0
900
ns
t(SCL-R)
Rise time of SCL signal
Standard
20 + 0.1 CB
1000
ns
t(SCL-R)
Rise time of SCL signal
Fast
20 + 0.1 CB
300
ns
t(SCL-R1)
Rise time of SCL signal after a repeated start condition and after an
Standard
20 + 0.1 CB
1000
ns
t(SCL-R1)
Rise time of SCL signal after a repeated start condition and after an
acknowledge bit
Fast
20 + 0.1 CB
300
ns
t(SCL-F)
Fall time of SCL signal
Standard
20 + 0.1 CB
1000
ns
t(SCL-F)
Fall time of SCL signal
Fast
20 + 0.1 CB
300
ns
t(SDA-R)
Rise time of SDA signal
Standard
20 + 0.1 CB
1000
ns
t(SDA-R)
Rise time of SDA signal
Fast
20 + 0.1 CB
300
ns
t(SDA-F)
Fall time of SDA signal
Standard
20 + 0.1 CB
1000
ns
t(SDA-F)
Fall time of SDA signal
Fast
20 + 0.1 CB
300
ns
t(P-SU)
Setup time for stop condition
Standard
4
µs
t(P-SU)
Setup time for stop condition
Fast
600
ns
C(B)
Capacitive load for SDA and SCL line
400
pF
t(SP)
Pulse duration of suppressed spike
Fast
50
ns
VNH
Noise margin at high level for each connected device (including hysteresis)
0.2 VDD
V
Figure 34. Timing Definition on the I2C Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com