Electronic Components Datasheet Search
  English  ▼

X  

PLL1707 Datasheet(PDF) 16 Page - Texas Instruments

Part # PLL1707
Description  3.3-V DUAL PLL MULTICLOCK GENERATOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PLL1707 Datasheet(HTML) 16 Page - Texas Instruments

Back Button PLL1707 Datasheet HTML 12Page - Texas Instruments PLL1707 Datasheet HTML 13Page - Texas Instruments PLL1707 Datasheet HTML 14Page - Texas Instruments PLL1707 Datasheet HTML 15Page - Texas Instruments PLL1707 Datasheet HTML 16Page - Texas Instruments PLL1707 Datasheet HTML 17Page - Texas Instruments PLL1707 Datasheet HTML 18Page - Texas Instruments PLL1707 Datasheet HTML 19Page - Texas Instruments PLL1707 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
PLL1707
PLL1708
SLES065 – DECEMBER 2002
www.ti.com
16
Configuration Register
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
1
1
0
1
1
RSV
RSV
RSV
RSV
RSV
CFG1
RSV
RSV
RSV
RSV
Table 7. Configuration Register Mapping
REGISTER
BIT NAME
DESCRIPTION
Configuration
RSV
Reserved, must be 0
Configuration
CFG1
SCKO1 configuration
CFG1: SCKO1 Configuration Control
CFG1
CONFIGURATION 1
0
36.864 MHz, 24.576 MHz for SCKO1 (default)
1
18.432 MHz, 12.288 MHz for SCKO1
The system clock SCKO1 frequency can be selected by CSEL (pin 12) and CFG1 (register).
CFG1
(REGISTER)
CSEL
(PIN 12)
SCKO1
0
LOW
36.864 MHz
0
HIGH
24.576 MHz
1
LOW
18.432 MHz
1
HIGH
12.288 MHz
CONNECTION DIAGRAM
Figure 15 shows the typical connection circuit for the PLL1707. There are four grounds for digital and analog power
supplies. However, the use of one common ground connection is recommended to avoid latch-up or other
power-supply-related troubles. Power supplies should be bypassed as close as possible to the device.
MPEG-2 APPLICATIONS
Typical applications for the PLL1707/8 are MPEG-2 based systems such as DVD recorders, HDD recorders, DVD players,
DVD add-on cards for multimedia PCs, digital HDTV systems, and set-top boxes. The PLL1707/8 provides audio system
clocks for a CD-DA DSP, DVD DSP, Karaoke DSP, ADC(s), and DAC(s) from a 27-MHz video clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com