Electronic Components Datasheet Search
  English  ▼

X  

PLL1707 Datasheet(PDF) 17 Page - Texas Instruments

Part # PLL1707
Description  3.3-V DUAL PLL MULTICLOCK GENERATOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PLL1707 Datasheet(HTML) 17 Page - Texas Instruments

Back Button PLL1707 Datasheet HTML 13Page - Texas Instruments PLL1707 Datasheet HTML 14Page - Texas Instruments PLL1707 Datasheet HTML 15Page - Texas Instruments PLL1707 Datasheet HTML 16Page - Texas Instruments PLL1707 Datasheet HTML 17Page - Texas Instruments PLL1707 Datasheet HTML 18Page - Texas Instruments PLL1707 Datasheet HTML 19Page - Texas Instruments PLL1707 Datasheet HTML 20Page - Texas Instruments PLL1707 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
PLL1707
PLL1708
SLES065 – DECEMBER 2002
www.ti.com
17
SR(MS)
FS1 (MD)
16
15
14
13
12
11
5
6
7
8
9
10
PLL1707/8
FS2 (MC)
VCC
AGND
XT1
DGND2
MCKO2
MCKO1
VDD2
CSEL
XT2
VDD1
1
2
3
4
SCKO2
SCKO3
DGND1
20
19
18
17
VDD3
SCKO1
SCKO0
DGND3
3.3 V
(1)
(1)
(2)
(4)
(3)
(3)
(1)
(2)
Clock Outputs (5)
(1)
(1) 0.1-
µF ceramic capacitor typical, depending on quality of power supply and pattern layout
(2) 10-
µF aluminum electrolytic capacitor typical, depending on quality of power supply and pattern layout
(3) 27-MHz quartz crystal and 10–33 pF
× 2 ceramic capacitors, which generate the appropriate amplitude of oscillation on XT1/XT2
(4) This connection is for PLL1707 (parallel mode); when PLL1708 (serial mode) is to be used, control pins must be connected to serial interfaced
controller.
(5) For good jitter performance, minimize the load capacitance on the clock output. It is recommended to drive the clock outputs through buffers,
especially if there are heavy loads on SCKO0 and SCKO1, and to minimize mutual interference by separating them or inserting a guard pattern
between them.
Figure 15. Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com