Electronic Components Datasheet Search
  English  ▼

X  

PLL1707 Datasheet(PDF) 14 Page - Texas Instruments

Part # PLL1707
Description  3.3-V DUAL PLL MULTICLOCK GENERATOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PLL1707 Datasheet(HTML) 14 Page - Texas Instruments

Back Button PLL1707 Datasheet HTML 10Page - Texas Instruments PLL1707 Datasheet HTML 11Page - Texas Instruments PLL1707 Datasheet HTML 12Page - Texas Instruments PLL1707 Datasheet HTML 13Page - Texas Instruments PLL1707 Datasheet HTML 14Page - Texas Instruments PLL1707 Datasheet HTML 15Page - Texas Instruments PLL1707 Datasheet HTML 16Page - Texas Instruments PLL1707 Datasheet HTML 17Page - Texas Instruments PLL1707 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
PLL1707
PLL1708
SLES065 – DECEMBER 2002
www.ti.com
14
Program-Register Bit Mapping
The built-in functions of the PLL1708 are controlled through a 16-bit program register. This register is loaded using MD,
MC and MS. After the 16 data bits are clocked in using the rising edge of MC, MS is used to latch the data into the register.
Table 6 shows the bit mapping of the register. The serial mode control format and control data input timing are shown in
Figure 13 and Figure 14, respectively.
MS
MC
MD
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Figure 13. Serial Mode Control Format
t(MSL)
VDD/2
MC
MD
MSB
MS
t(MHH)
VDD/2
VDD/2
t(MSS)
t(MSH)
t(MCL)
t(MCH)
LSB
t(MDH)
t(MCY)
t(MDS)
t(MSS)
DESCRIPTION
SYMBOL
MIN
TYP
MAX
UNIT
MC pulse cycle time
t(MCY)
100
ns
MC pulse duration LOW
t(MCL)
40
ns
MC pulse duration HIGH
t(MCH)
40
ns
MD hold time
t(MDH)
40
ns
MD setup time
t(MDS)
40
ns
MS low-level time
t(MSL)
16
MC clocks(1)
MS high-level time
t(MHH)
200
ns
MS hold time(2)
t(MSH)
40
ns
MS setup time(3)
t(MSS)
40
ns
(1) MC clocks: MC clock period
(2) MC rising edge for LSB to MS rising edge
(3) MS rising edge to the next MC rising edge. If the MC clock is stopped after the LSB, any MS rise time is accepted.
Figure 14. Control Data Input Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com