Electronic Components Datasheet Search
  English  ▼

X  

PLL1707 Datasheet(PDF) 1 Page - Texas Instruments

Part # PLL1707
Description  3.3-V DUAL PLL MULTICLOCK GENERATOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PLL1707 Datasheet(HTML) 1 Page - Texas Instruments

  PLL1707 Datasheet HTML 1Page - Texas Instruments PLL1707 Datasheet HTML 2Page - Texas Instruments PLL1707 Datasheet HTML 3Page - Texas Instruments PLL1707 Datasheet HTML 4Page - Texas Instruments PLL1707 Datasheet HTML 5Page - Texas Instruments PLL1707 Datasheet HTML 6Page - Texas Instruments PLL1707 Datasheet HTML 7Page - Texas Instruments PLL1707 Datasheet HTML 8Page - Texas Instruments PLL1707 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
PLL1707
PLL1708
SLES065 – DECEMBER 2002
3.3V DUAL PLL MULTICLOCK GENERATOR
FEATURES
D 27-MHz Master Clock Input
D Generated Audio System Clock (PLL1707):
– SCKO0: 768 fS (fS = 44.1 kHz)
– SCKO1: 768 fS, 512 fS (fS = 48 kHz)
– SCKO2: 256 fS (fS = 32, 44.1, 48, 64, 88.2,
96 kHz)
– SCKO3: 384 fS (fS = 32, 44.1, 48, 64, 88.2,
96 kHz)
D Generated Audio System Clock (PLL1708):
– SCKO0: 768 fS (fS = 44.1 kHz)
– SCKO1: 768 fS, 512 fS, 384 fS, 256 fS
(fS = 48 kHz)
– SCKO2: 256 fS (fS = 16, 22.05, 24, 32, 44.1,
48, 64, 88.2, 96 kHz)
– SCKO3: 384 fS (fS = 16, 22.05, 24, 32, 44.1,
48, 64, 88.2, 96 kHz)
D Zero PPM Error Output Clocks
D Low Clock Jitter: 50 ps (Typical)
D Multiple Sampling Frequencies (PLL1707):
– fS = 32, 44.1, 48, 64, 88.2, 96 kHz
D Multiple Sampling Frequencies (PLL1708):
– fS = 16, 22.05, 24, 32, 44.1, 48, 64, 88.2,
96 kHz
D 3.3-V Single Power Supply
D PLL1707: Parallel Control
PLL1708: Serial Control
D Package: 20-Pin SSOP (150 mil), Lead-Free
Product
APPLICATIONS
D HDD + DVD Recorders
D DVD Recorders
D HDD Recorders
D DVD Players
D DVD Add-On Cards for Multimedia PCs
D Digital HDTV Systems
D Set-Top Boxes
DESCRIPTION
The PLL1707† and PLL1708† are low cost, phase-locked
loop (PLL) multiclock generators. The PLL1707 and
PLL1708 can generate four system clocks from a 27-MHz
reference input frequency. The clock outputs of the
PLL1707 can be controlled by sampling frequency-control
pins and those of the PLL1708 can be controlled through
serial-mode control pins. The device gives customers both
cost
and
space
savings
by
eliminating
external
components and enables customers to achieve the very
low-jitter performance needed for high performance audio
DACs and/or ADCs. The PLL1707 and PLL1708 are ideal
for MPEG-2 applications which use a 27-MHz master
clock such as DVD recorders, HDD recorders, DVD
add-on cards for multimedia PCs, digital HDTV systems,
and set-top boxes.
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate
precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to
damage because very small parametric changes could cause the device not to meet its published specifications.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
†The PLL1707 and PLL1708 use the same die and they are electrically identical except for mode control.


Similar Part No. - PLL1707

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PLL1707 BURR-BROWN-PLL1707 Datasheet
171Kb / 22P
3.3 V DUAL PLL MULTICLOCK GENERATOR
logo
Texas Instruments
PLL1707 TI1-PLL1707 Datasheet
617Kb / 25P
3.3-V DUAL PLL MULTICLOCK GENERATOR
PLL1707 TI2-PLL1707 Datasheet
830Kb / 18P
3.3-V DUAL-PLL MULTICLOCK GENERATOR
REVISED MARCH 2011
PLL1707-Q1 TI1-PLL1707-Q1 Datasheet
602Kb / 18P
3.3-V DUAL-PLL MULTICLOCK GENERATOR
PLL1707-Q1 TI2-PLL1707-Q1 Datasheet
830Kb / 18P
3.3-V DUAL-PLL MULTICLOCK GENERATOR
REVISED MARCH 2011
More results

Similar Description - PLL1707

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBC12439 ONSEMI-NBC12439 Datasheet
143Kb / 20P
3.3 V/5 V Programmable PLL Synthesized Clock Generator
May, 2003 - Rev. 2
logo
Texas Instruments
PLL1705 TI-PLL1705 Datasheet
128Kb / 17P
3.3-V DUAL PLL MULTICLOCK GENERATOR
logo
Burr-Brown (TI)
PLL1707 BURR-BROWN-PLL1707 Datasheet
171Kb / 22P
3.3 V DUAL PLL MULTICLOCK GENERATOR
logo
Motorola, Inc
MPC9331 MOTOROLA-MPC9331 Datasheet
321Kb / 12P
3.3 V 1:6 LVCMOS PLL Clock Generator
logo
Freescale Semiconductor...
MPC9773 FREESCALE-MPC9773 Datasheet
490Kb / 19P
3.3 V 1:12 LVCMOS PLL Clock Generator
logo
Burr-Brown (TI)
PLL1705 BURR-BROWN-PLL1705_06 Datasheet
157Kb / 18P
3.3-V DUAL PLL MULTICLOCK GENERATOR
logo
Texas Instruments
PLL1707-Q1 TI1-PLL1707-Q1 Datasheet
602Kb / 18P
3.3-V DUAL-PLL MULTICLOCK GENERATOR
PLL1707 TI1-PLL1707_15 Datasheet
617Kb / 25P
3.3-V DUAL PLL MULTICLOCK GENERATOR
logo
Renesas Technology Corp
MPC9653 RENESAS-MPC9653 Datasheet
788Kb / 13P
3.3 V 1:8 LVCMOS PLL Clock Generator
2019
MPC9773 RENESAS-MPC9773 Datasheet
557Kb / 22P
3.3 V 1:12 LVCMOS PLL Clock Generator
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com