Electronic Components Datasheet Search
  English  ▼

X  

K3HB Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # K3HB
Description  Panel Meters with Advanced Signal Processing Capabilities
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K3HB Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button K3HB Datasheet HTML 9Page - Omron Electronics LLC K3HB Datasheet HTML 10Page - Omron Electronics LLC K3HB Datasheet HTML 11Page - Omron Electronics LLC K3HB Datasheet HTML 12Page - Omron Electronics LLC K3HB Datasheet HTML 13Page - Omron Electronics LLC K3HB Datasheet HTML 14Page - Omron Electronics LLC K3HB Datasheet HTML 15Page - Omron Electronics LLC K3HB Datasheet HTML 16Page - Omron Electronics LLC K3HB Datasheet HTML 17Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
B-20
Weighing Indicator
K3HB-V
■ Input Ranges (Measurement Range and Accuracy)
Note: 1. The accuracy is for an ambient temperature of 23±5
°C. For all ranges,10% or less of max. input ±0.1% FS.
2. The letters “rdg” mean “reading.”
The area shown in dark shading indicates the factory setting.
■ Load Cell Wiring Example
■ Scaling Example Using Range A
Indicated on the K3HB-V as 0 to 49N in the load cell specifications
(rated load 49N, recommended applied voltage 10 V, rated output 2
mV/V) (See note.)
Note: 2 mV/V indicates a load cell output of 2 mV for 1 V applied volt-
age for the rated load (when using a load of 1 N). When the ap-
plied voltage is 10 V, the load cell output is 20 mV (2 mV × 10).
Input type
Range
Set value
Measurement range
Input impedance
Accuracy
Allowable
instantaneous
overload (30 s)
K3HB-VLC
Load Cell, mV
A
a ud
0.00 to 199.99 mV
1 M
Ω min.
±0.1%rdg ± 1 digit max.
±200 V
B
b ud
0.000 to 19.999 mV
±0.1%rdg ± 5 digits max.
C
c ud
±100.00 mV
±0.1%rdg ± 3 digits max.
D
d ud
±199.99 mV
±0.1%rdg ± 1 digit max.
Input type
a lc
b lc
c lc
d lc
Connected
terminals
(mV)
200.000
150.000
100.000
50.000
0.00
−50.00
−100.00
−150.00
−200.00
199.99
199.99
100.00
19.999
0.00
0.000
−100.00
−199.99
E2
E6
E3
E6
E4
E6
E5
E6
−OUT
+OUT
+IN
−IN
Load cell
−
+
+10 V
0 V
E2
E
E3
E4
E5
E6
B
B5
B6
Display value
Input value
20 mV
49 N
Scaling values:
inp.a1=000.00
dsp.a1=00000
inp.a2=020.00
dsp.a2=49000
dp decimal point position: 00.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com