Electronic Components Datasheet Search
  English  ▼

X  

K3HB Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # K3HB
Description  Panel Meters with Advanced Signal Processing Capabilities
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K3HB Datasheet(HTML) 4 Page - Omron Electronics LLC

  K3HB Datasheet HTML 1Page - Omron Electronics LLC K3HB Datasheet HTML 2Page - Omron Electronics LLC K3HB Datasheet HTML 3Page - Omron Electronics LLC K3HB Datasheet HTML 4Page - Omron Electronics LLC K3HB Datasheet HTML 5Page - Omron Electronics LLC K3HB Datasheet HTML 6Page - Omron Electronics LLC K3HB Datasheet HTML 7Page - Omron Electronics LLC K3HB Datasheet HTML 8Page - Omron Electronics LLC K3HB Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
Process Indicator
K3HB-X
B-11
K3HB-X Process Indicator
A Process Indicator Ideal for
Discriminating and Displaying
Measurements for Voltage/Current Signals
• Easy recognition of judgement results using color display
that can be switched between red and green.
• Equipped with a position meter for monitoring operating sta-
tus trends.
• External event input allows use in various measurement and
discrimination applications.
• Series expanded to include DeviceNet models.
• Short body with depth of only 95 mm (from behind the front
panel), or 97 mm for DeviceNet models.
• UL certification approval (Certification Mark License) pend-
ing.
• CE Marking conformance by third party assessment body.
• Water-resistant enclosure conforms to NEMA 4X (equivalent
to IP66).
• Capable of high-speed sampling at 50 times per second
(20 ms)
• Easy-to-set two-point scaling allows conversion and display
of any user-set values.
Model Number Structure
■ Model Number Legend
Base Units and Optional Boards can be ordered individually.
Base Units
1. Input Sensor Codes
VD: DC voltage input
AD: DC current input
VA: AC voltage input
AA: AC current input
2. Supply Voltage
100240VAC: 100 to 240 VAC
24VACVDC: 24 VAC/VDC
Optional Boards
Sensor Power Supply/Output Boards
3. Sensor Power Supply/Output Type Codes
None: None
CPA:
Relay output (PASS: SPDT) + Sensor power supply
(12 VDC +/
−10%, 80 mA) (See note 1.)
CPB:
Relay output (PASS: SPDT) + Sensor power supply
(10 VDC +/
−5%, 100 mA) (See note 1.)
L1A:
Linear current output (DC0(4)
− 20 mA) + Sensor power supply
(12 VDC +/
−10%, 80 mA) (See note 2.)
L1B:
Linear current output (DC0(4)
− 20 mA) + Sensor power supply
(10 VDC +/
−5%, 100 mA) (See note 2.)
L2A:
Linear voltage output (DC0(1)
− 5 V, 0 to 10 V) + Sensor power supply
(12 VDC +/
−10%, 80 mA) (See note 2.)
L2B:
Linear voltage output (DC0(1)
− 5 V, 0 to 10 V) + Sensor power supply
(10 VDC +/
−5%, 100 mA) (See note 2.)
A:
Sensor power supply (12 VDC +/
−10%, 80 mA)
B:
Sensor power supply (10 VDC +/
−5%, 100 mA)
FLK1A: Communications (RS-232C) + Sensor power supply
(12 VDC +/
−10%, 80 mA) (See note 2.)
FLK1B: Communications (RS-232C) + Sensor power supply
(10 VDC +/
−5%, 100 mA) (See note 2.)
FLK3A: Communications (RS-485) + Sensor power supply
(12 VDC +/
−10%, 80 mA) (See note 2.)
FLK3B: Communications (RS-485) + Sensor power supply
(10 VDC +/
−5%, 100 mA) (See note 2.)
Note: 1. CPA and CPB can be combined with relay outputs only.
2. Only one of communications, BCD, or DeviceNet can be
used by each Digital indicator.
1
K3HB-X
@
2
3
K33-
@



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com