Electronic Components Datasheet Search
  English  ▼

X  

K3HB Datasheet(PDF) 26 Page - Omron Electronics LLC

Part # K3HB
Description  Panel Meters with Advanced Signal Processing Capabilities
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K3HB Datasheet(HTML) 26 Page - Omron Electronics LLC

Back Button K3HB Datasheet HTML 22Page - Omron Electronics LLC K3HB Datasheet HTML 23Page - Omron Electronics LLC K3HB Datasheet HTML 24Page - Omron Electronics LLC K3HB Datasheet HTML 25Page - Omron Electronics LLC K3HB Datasheet HTML 26Page - Omron Electronics LLC K3HB Datasheet HTML 27Page - Omron Electronics LLC K3HB Datasheet HTML 28Page - Omron Electronics LLC K3HB Datasheet HTML 29Page - Omron Electronics LLC K3HB Datasheet HTML 30Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
Panel Meter Series
K3HB
B-33
■ Power Supply Derating Curve for Sensor (Reference Value)
Note: 1. The above values are for standard mounting. The derating curve differs depending on the mounting conditions.
2. Do not use the Sensor outside of the derating area (i.e., do not use it in the area labeled A in the above graphics). Doing so may occa-
sionally cause deterioration or damage to internal components.
■ Component Names and Functions
140
120
100
80
60
40
20
0
−20
−10
0
102030405060
Ambient temperature (
°C)
Max. current (mA)
1
140
120
100
80
60
40
20
0
−20
−10
0
102030405060
Ambient temperature (
°C)
Max. current (mA)
1
With 12 V
With 10 V
UP
MODE
LEVEL
T-ZR
Zero
CMW
Max
L
Min
Hold
MAX/MIN
TG
HH
H
TLL
L
HH
H
P
L
LL
SHIFT
MAX/MIN Key
LEVEL Key
MODE Key
SHIFT Key
UP Key
When changing a set value,
this key is used to change
the actual value.
When a measurement value
is displayed, this key is
used to execute or clear the
forced-zero function or to
execute teaching.
Used to change
parameter settings.
When changing a set
value, this key is used
to move along the
digits.
Used to switch the
parameters displayed.
Used to switch level.
Used to switch the
display between the
PV, maximum value,
and minimum value and
to reset the maximum
and minimum values.
PV display
SV display
Position meter
SV display status indicators
Displays SV and monitor values.
HH, H,
L, LL
Max/Min status indicator
Level/bank display
Status indicators
Display
Display the status of comparative outputs.
T-ZR
Zero
Hold
Function
T
TG
Turns ON when the maximum value or minimum value is
displayed in the RUN level.
In RUN level, displays the bank if the bank function is
ON. (Turns OFF if the bank function is OFF.)
In other levels, displays the current level.
Comparative output
status indicators
Turns ON when the tare zero function is
executed. Turns OFF if it is not executed or
is cleared.
Turns ON when the forced-zero function is
executed. Turns OFF if it is not executed or
is cleared. (Excluding the K3HB-H.)
Turns ON/OFF when hold input turns
ON/OFF.
Turns ON when the timing signal turns
ON. Otherwise OFF.
Turns ON when parameters for which
teaching can be performed are
displayed.
In RUN level, turn ON when the
comparative set values HH, H, L, and
LL are displayed.
Displays PVs, maximum values,
minimum values, parameter
names, and error names.
Displays the position of the PV with
respect to a desired scale.
Display
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com