Electronic Components Datasheet Search
  English  ▼

X  

K3HB Datasheet(PDF) 22 Page - Omron Electronics LLC

Part # K3HB
Description  Panel Meters with Advanced Signal Processing Capabilities
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K3HB Datasheet(HTML) 22 Page - Omron Electronics LLC

Back Button K3HB Datasheet HTML 18Page - Omron Electronics LLC K3HB Datasheet HTML 19Page - Omron Electronics LLC K3HB Datasheet HTML 20Page - Omron Electronics LLC K3HB Datasheet HTML 21Page - Omron Electronics LLC K3HB Datasheet HTML 22Page - Omron Electronics LLC K3HB Datasheet HTML 23Page - Omron Electronics LLC K3HB Datasheet HTML 24Page - Omron Electronics LLC K3HB Datasheet HTML 25Page - Omron Electronics LLC K3HB Datasheet HTML 26Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
Linear Sensor Indicator
K3HB-S
B-29
■ Characteristics
■ Input Ranges (Measurement Ranges and Accuracy)
Note: The accuracy is for an ambient temperature of 23±5
°C.
Display range
−19,999 to 99,999
Sampling period
One input: 0.5 ms; Two inputs: 1.0 ms
Comparative out-
put response
times (transistor
outputs)
One input
OFF to ON: 1 ms max., ON to OFF: 1.5 ms max.
Two inputs
OFF to ON: 2 ms max., ON to OFF: 2.5 ms max.
Linear output re-
sponse time
One input
51 ms max.
Two inputs
52 ms max.
Insulation resistance
20 M
Ω min. (at 500 VDC)
Dielectric strength
2,300 VAC for 1 min between external terminals and case
Noise immunity
100 to 240 VAC models:
±1,500 V at power supply terminals in normal or common mode
(waveform with 1-ns rising edge and pulse width of 1
µs/100 ns)
24 VAC/VDC models:
±1,500 V at power supply terminals in normal or common mode
(waveform with 1-ns rising edge and pulse width of 1
µs/100 ns)
Vibration resistance
Frequency: 10 to 55 Hz; Acceleration: 50 m/s2, 10 sweeps of 5 min each in X, Y, and Z directions
Shock resistance
150 m/s2 (100 m/s2 for relay outputs) 3 times each in 3 axes, 6 directions
Weight
Approx. 300 g (Digital Indicator only)
Degree of protec-
tion
Front panel
Conforms to NEMA 4X for indoor use (equivalent to IP66)
Rear case
IP20
Terminals
IP00 + finger protection (VDE0106/100)
Memory protection
EEPROM (non-volatile memory)
Number of rewrites: 100,000
Applicable standards
UL61010C-1, CSA C22.2 No. 1010.1
EN61010-1 (IEC61010-1): Pollution degree 2/Overvoltage category II
EN61326: 1997, A1: 1998, A2: 2001
EMC
EMI: EN61326+A1 industrial applications
Electromagnetic radiation interference
CISPR 11 Group 1, Class A: CISPRL16-1/-2
Terminal interference voltage
CISPR 11 Group 1, Class A: CISPRL16-1/-2
EMS: EN61326+A1 industrial applications
Electrostatic Discharge Immunity
EN61000-4-2: 4 kV (contact), 8 kV (in air)
Radiated Electromagnetic Field Immunity
EN61000-4-3: 10 V/m 1 kHz sine wave amplitude modulation (80 MHz to 1 GHz)
Electrical Fast Transient/Burst Immunity
EN61000-4-4: 2 kV (power line), 1 kV (I/O signal line)
Surge Immunity
EN61000-4-5: 1 kV with line (power line), 2 kV with ground (power line)
Conducted Disturbance Immunity
EN61000-4-6: 3 V (0.15 to 80 MHz)
Voltage Dips and Interruptions Immunity
EN61000-4-11: 0.5 cycle, 0
°/180°, 100% (rated voltage)
Input
Input type
Measurement range
Indication range
Input
impedance
Accuracy
(at 23
±5°C)
Maximum
absolute rated
input
K3HB-SSD
DC voltage/current
input
0 to 20 mA
0.000 to 20.000 mA
−2.000 to 22.000 mA
120
Ω max.
One input:
±0.1% F.S.
±1 digit max.
Two inputs:
±0.2% F.S.
±1 digit max.
±31 mA
4 to 20 mA
4.000 to 20.000 mA
2.000 to 22.000 mA
0 to 5 V
0.000 to 5.000 V
−0.500 to 5.500 mA
1 M
Ω min.
±10 V
1 to 5 V
1.000 to 5.000 V
0.500 to 5.500 V
±5 V
±5.000 V
± 5.500 V
±10 V
±10.000 V
± 11.000 V
±14.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com