Electronic Components Datasheet Search
  English  ▼

X  

SN65HVD12IDREP Datasheet(PDF) 6 Page - Texas Instruments

Part # SN65HVD12IDREP
Description  3.3 V RS-485 TRANSCEIVERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65HVD12IDREP Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65HVD12IDREP Datasheet HTML 2Page - Texas Instruments SN65HVD12IDREP Datasheet HTML 3Page - Texas Instruments SN65HVD12IDREP Datasheet HTML 4Page - Texas Instruments SN65HVD12IDREP Datasheet HTML 5Page - Texas Instruments SN65HVD12IDREP Datasheet HTML 6Page - Texas Instruments SN65HVD12IDREP Datasheet HTML 7Page - Texas Instruments SN65HVD12IDREP Datasheet HTML 8Page - Texas Instruments SN65HVD12IDREP Datasheet HTML 9Page - Texas Instruments SN65HVD12IDREP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
www.ti.com
DRIVER SWITCHING CHARACTERISTICS
SN65HVD10-EP,, SN65HVD11-EP
SN65HVD12-EP
SGLS278E – DECEMBER 2004 – REVISED SEPTEMBER 2007
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
HVD10
5
8.5
16
tPLH
Propagation delay time, low-to-high level output
HVD11
18
25
40
ns
HVD12
135
200
330
HVD10
5
8.5
16
tPHL
Propagation delay time, high-to-low level output
HVD11
18
25
40
ns
HVD12
135
200
330
HVD10
3
4.5
11.5
RL = 54 Ω, CL = 50 pF,
tr
Differential output signal rise time
HVD11
10
20
30
ns
See Figure 5
HVD12
100
170
330
HVD10
3
4.5
11.5
tf
Differential output signal fall time
HVD11
10
20
30
ns
HVD12
100
170
330
HVD10
1.5
tsk(p)
Pulse skew (|tPHL - tPLH|)
HVD11
2.5
ns
HVD12
9
HVD10
6
tsk(pp)
(2)
Part-to-part skew
HVD11
11
ns
HVD12
100
HVD10
33
Propagation delay time, high impedance-to-high
tPZH
HVD11
55
ns
level output
HVD12
320
RL = 110 Ω, RE at 0 V,
See Figure 6
HVD10
26
Propagation delay time, high
tPHZ
HVD11
55
ns
level-to-high-impedance output
HVD12
320
HVD10
26
Propagation delay time, high
tPZL
HVD11
55
ns
impedance-to-low-level output
HVD12
320
RL = 110 Ω, RE at 0 V,
See Figure 7
HVD10
26
Propagation delay time, low
tPLZ
HVD11
75
ns
level-to-high-impedance output
HVD12
420
I and
6
Propagation delay time, standby-to-high-level
RL = 110 Ω, RE at 3 V,
Q-temp
tPZH
μs
output
See Figure 6
M-temp
14
I and
6
Propagation delay time, standby-to-low-level
RL = 110 Ω, RE at 3 V,
Q-temp
tPZL
μs
output
See Figure 7
M-temp
14
(1)
All typical values are at 25
°C and with a 3.3 V supply.
(2)
tsk(pp) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when both devices
operate with the same supply voltages, at the same temperature, and have identical packages and test circuits.
6
Submit Documentation Feedback
Copyright © 2004–2007, Texas Instruments Incorporated
Product Folder Link(s): SN65HVD10-EP SN65HVD11-EP SN65HVD12-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com