Electronic Components Datasheet Search
  English  ▼

X  

SN65HVD12IDREP Datasheet(PDF) 1 Page - Texas Instruments

Part # SN65HVD12IDREP
Description  3.3 V RS-485 TRANSCEIVERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65HVD12IDREP Datasheet(HTML) 1 Page - Texas Instruments

  SN65HVD12IDREP Datasheet HTML 1Page - Texas Instruments SN65HVD12IDREP Datasheet HTML 2Page - Texas Instruments SN65HVD12IDREP Datasheet HTML 3Page - Texas Instruments SN65HVD12IDREP Datasheet HTML 4Page - Texas Instruments SN65HVD12IDREP Datasheet HTML 5Page - Texas Instruments SN65HVD12IDREP Datasheet HTML 6Page - Texas Instruments SN65HVD12IDREP Datasheet HTML 7Page - Texas Instruments SN65HVD12IDREP Datasheet HTML 8Page - Texas Instruments SN65HVD12IDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1
FEATURES
APPLICATIONS
1
2
3
4
8
7
6
5
R
RE
DE
D
VCC
B
A
GND
D PACKAGE
(TOP VIEW)
DESCRIPTION/ORDERING INFORMATION
SN65HVD10-EP,, SN65HVD11-EP
SN65HVD12-EP
SGLS278E – DECEMBER 2004 – REVISED SEPTEMBER 2007
www.ti.com
3.3 V RS-485 TRANSCEIVERS
• Digital Motor Control
• Controlled Baseline
• Utility Meters
–
One Assembly/Test Site
• Chassis-to-Chassis Interconnects
–
One Fabrication Site
• Electronic Security Stations
• Extended Temperature Performance of Up to
• Industrial Process Control
–40
°C to 125°C and –55°C to 125°C
• Building Automation
• Enhanced Diminishing Manufacturing Sources
• Point-of-Sale (POS) Terminals and Networks
(DMS) Support
• Enhanced Product-Change Notification
• Qualification Pedigree (1)
• Operates With a 3.3 V Supply
• Bus-Pin ESD Protection Exceeds 16 kV HBM
• 1/8 Unit-Load Option Available (Up to 256
Nodes on the Bus)
• Optional Driver Output Transition Times for
Signaling Rates of 1 Mbps, 10 Mbps, and
25 Mbps (2)
• Meets or Exceeds the Requirements of ANSI
The SN65HVD10, SN65HVD11, and SN65HVD12
TIA/EIA-485-A
combine
a
3-state
differential
line
driver
and
differential input line receiver that operate with a
• Bus-Pin Short Circuit Protection From –7 V to
single 3.3 V power supply. They are designed for
12 V
balanced transmission lines and meet or exceed
• Low-Current Standby Mode . . . 1 μA (Typ)
ANSI standard TIA/EIA-485-A and ISO 8482:1993.
• Open-Circuit, Idle-Bus, and Shorted-Bus
These differential bus transceivers are monolithic
integrated circuits designed for bidirectional data
Failsafe Receiver
communication on multipoint bus-transmission lines.
• Thermal Shutdown Protection
The drivers and receivers have active-high and
• Glitch-Free Power-Up and Power-Down
active-low enables respectively, that can be externally
Protection for Hot-Plugging Applications
connected together to function as direction control.
Low device standby supply current can be achieved
• SN75176 Footprint
by disabling the driver and the receiver.
(1)
Component qualification in accordance with JEDEC and
industry standards to ensure reliable operation over an
The driver differential outputs and receiver differential
extended temperature range. This includes, but is not limited
inputs
connect
internally
to
form
a
differential
to, Highly Accelerated Stress Test (HAST) or biased 85/85,
temperature cycle, autoclave or unbiased HAST,
input/output (I/O) bus port that is designed to offer
electromigration, bond intermetallic life, and mold compound
minimum loading to the bus whenever the driver is
life. Such qualification testing should not be viewed as
disabled or VCC = 0. These parts feature wide positive
justifying use of this component beyond specified
and negative common-mode voltage ranges, making
performance and environmental limits.
them suitable for party-line applications.
(2)
The signaling rate of a line is the number of voltage
transitions that are made per second expressed in the units
bps (bits per second).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2004–2007, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN65HVD12IDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD12IDREP TI-SN65HVD12IDREP Datasheet
352Kb / 22P
3.3 V RS-485 TRANSCEIVERS
SN65HVD12IDREP TI1-SN65HVD12IDREP Datasheet
691Kb / 26P
3.3 V RS-485 TRANSCEIVERS
More results

Similar Description - SN65HVD12IDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD10-EP TI-SN65HVD10-EP Datasheet
352Kb / 22P
3.3 V RS-485 TRANSCEIVERS
SN65HVD10 TI-SN65HVD10_08 Datasheet
527Kb / 25P
3.3-V RS-485 TRANSCEIVERS
logo
Renesas Technology Corp
ISO15 RENESAS-ISO15 Datasheet
727Kb / 20P
ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Texas Instruments
SN65HVD11-HT TI1-SN65HVD11-HT Datasheet
588Kb / 30P
3.3-V RS-485 TRANSCEIVER
SN65HVD11DR TI-SN65HVD11DR Datasheet
559Kb / 28P
3.3-V RS-485 TRANSCEIVERS
SN75HVD11DR TI-SN75HVD11DR Datasheet
908Kb / 28P
3.3-V RS-485 TRANSCEIVERS
SN65HVD11-HT TI1-SN65HVD11-HT_15 Datasheet
610Kb / 34P
3.3-V RS-485 Transceiver
SN65HVD70 TI1-SN65HVD70 Datasheet
1Mb / 41P
3.3-V Full-Duplex RS-485 Transceivers
SN65HVD10-EP TI1-SN65HVD10-EP_14 Datasheet
691Kb / 26P
3.3 V RS-485 TRANSCEIVERS
THVD1419 TI1-THVD1419 Datasheet
437Kb / 23P
3.3-V to 5-V RS-485 Transceivers With Surge Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com