Electronic Components Datasheet Search
  English  ▼

X  

SN65HVD12IDREP Datasheet(PDF) 8 Page - Texas Instruments

Part # SN65HVD12IDREP
Description  3.3 V RS-485 TRANSCEIVERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65HVD12IDREP Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN65HVD12IDREP Datasheet HTML 4Page - Texas Instruments SN65HVD12IDREP Datasheet HTML 5Page - Texas Instruments SN65HVD12IDREP Datasheet HTML 6Page - Texas Instruments SN65HVD12IDREP Datasheet HTML 7Page - Texas Instruments SN65HVD12IDREP Datasheet HTML 8Page - Texas Instruments SN65HVD12IDREP Datasheet HTML 9Page - Texas Instruments SN65HVD12IDREP Datasheet HTML 10Page - Texas Instruments SN65HVD12IDREP Datasheet HTML 11Page - Texas Instruments SN65HVD12IDREP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
www.ti.com
RECEIVER SWITCHING CHARACTERISTICS
THERMAL CHARACTERISTICS
(1)
SN65HVD10-EP,, SN65HVD11-EP
SN65HVD12-EP
SGLS278E – DECEMBER 2004 – REVISED SEPTEMBER 2007
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
tPLH
Propagation delay time, low-to-high level output
HVD10
12.5
20
25
ns
tPHL
Propagation delay time, high-to-low level output
HVD10
12.5
20
25
ns
HVD11
tPLH
Propagation delay time, low-to-high level output
30
55
70
ns
HVD12
VID = –1.5 V to 1.5 V,
HVD11
tPHL
Propagation delay time, high-to-low level output
CL = 15 pF, See Figure 9
30
55
70
ns
HVD12
HVD10
1.5
tsk(p)
Pulse skew (|tPHL - tPLH|)
HVD11
4
ns
HVD12
4
HVD10
8
tsk(pp)
(2)
Part-to-part skew
HVD11
15
ns
HVD12
15
tr
Output signal rise time
1
2
6
CL = 15 pF, See Figure 9
ns
tf
Output signal fall time
1
2
6
tPZH
(1)
Output enable time to high level
16
tPZL
(1)
Output enable time to low level
16
CL = 15 pF, DE at 3 V,
ns
See Figure 10
tPHZ
Output disable time from high level
21
tPLZ
Output disable time from low level
16
I and
6
Propagation delay time, standby-to-high-level
Q-temp
tPZH
(2)
output
M-temp
14
CL = 15 pF, DE at 0,
μs
See Figure 11
I and
6
Propagation delay time, standby-to-low-level
Q-temp
tPZL
(2)
output
M-temp
14
(1)
All typical values are at 25
°C and with a 3.3 V supply.
(2)
tsk(pp) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when both devices
operate with the same supply voltages, at the same temperature, and have identical packages and test circuits.
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
θJA
Junction-to-ambient thermal resistance(2)
High-K board(3), No airflow
D package
121
°C/W
θJB
Junction-to-board thermal resistance
High-K board
D package
67
°C/W
θJC
Junction-to-case thermal resistance
D package
41
°C/W
HVD10
198
233
mW
(25 Mbps)
RL = 60 Ω, CL = 50 pF,
DE at VCC RE at 0 V,
HVD11
PD
Device power dissipation
141
176
mW
Input to D a 50% duty cycle square
(10 Mbps)
wave at indicated signaling rate
HVD12
133
161
mW
(500 kbps)
TJSD
Thermal shutdown junction temperature
165
°C
(1)
See Application Information section for an explanation of these parameters.
(2)
The intent of
θJA specification is solely for a thermal performance comparison of one package to another in a standardized environment.
This methodology is not meant to and will not predict the performance of a package in an application-specific environment.
(3)
JSD51-7, High Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages.
8
Submit Documentation Feedback
Copyright © 2004–2007, Texas Instruments Incorporated
Product Folder Link(s): SN65HVD10-EP SN65HVD11-EP SN65HVD12-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com