Electronic Components Datasheet Search
  English  ▼

X  

SN65HVD12IDREP Datasheet(PDF) 9 Page - Texas Instruments

Part # SN65HVD12IDREP
Description  3.3 V RS-485 TRANSCEIVERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65HVD12IDREP Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65HVD12IDREP Datasheet HTML 5Page - Texas Instruments SN65HVD12IDREP Datasheet HTML 6Page - Texas Instruments SN65HVD12IDREP Datasheet HTML 7Page - Texas Instruments SN65HVD12IDREP Datasheet HTML 8Page - Texas Instruments SN65HVD12IDREP Datasheet HTML 9Page - Texas Instruments SN65HVD12IDREP Datasheet HTML 10Page - Texas Instruments SN65HVD12IDREP Datasheet HTML 11Page - Texas Instruments SN65HVD12IDREP Datasheet HTML 12Page - Texas Instruments SN65HVD12IDREP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
60
Ω ±1%
VOD
0 or 3 V
_
+
−7 V < V(test) < 12 V
DE
VCC
A
B
D
375
Ω ±1%
375
Ω ±1%
IOA
VOD
54
Ω ±1%
0 or 3 V
VOA
VOB
IOB
DE
VCC
II
VI
A
B
VOC
27
Ω ± 1%
Input
A
B
VA
VB
VOC(PP)
∆VOC(SS)
VOC
27
Ω ± 1%
CL = 50 pF ±20%
D
A
B
DE
VCC
Input: PRR = 500 kHz, 50% Duty Cycle, tr < 6 ns, tf < 6 ns, ZO = 50 Ω
CL Includes Fixture and
Instrumentation Capacitance
VOD
RL = 54 Ω
± 1%
50
Ω
Generator: PRR = 500 kHz, 50% Duty Cycle, tr < 6 ns, tf < 6 ns, Zo = 50 Ω
tPLH
tPHL
1.5 V
1.5 V
3 V
≈ 2 V
≈ −2 V
90%
10%
0 V
VI
VOD
tr
tf
CL = 50 pF ±20%
CL Includes Fixture
and Instrumentation
Capacitance
D
A
B
DE
VCC
VI
Input
Generator
90%
0 V
10%
RL = 110 Ω
± 1%
Input
Generator
50
Ω
Generator: PRR = 500 kHz, 50% Duty Cycle, tr < 6 ns, tf < 6 ns, Zo = 50 Ω
3 V
S1
0.5 V
3 V
0 V
VOH
≈ 0 V
tPHZ
tPZH
1.5 V
1.5 V
VI
VO
CL = 50 pF ±20%
CL Includes Fixture
and Instrumentation
Capacitance
D
A
B
DE
VO
VI
2.3 V
SN65HVD10-EP,, SN65HVD11-EP
SN65HVD12-EP
SGLS278E – DECEMBER 2004 – REVISED SEPTEMBER 2007
Figure 2. Driver VOD Test Circuit and Voltage and
Figure 3. Driver VOD With Common-Mode Loading Test
Current Definitions
Circuit
Figure 4. Test Circuit and Definitions for the Driver Common-Mode Output Voltage
Figure 5. Driver Switching Test Circuit and Voltage Waveforms
Figure 6. Driver High-Level Enable and Disable Time Test Circuit and Voltage Waveforms
Copyright © 2004–2007, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): SN65HVD10-EP SN65HVD11-EP SN65HVD12-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com