Electronic Components Datasheet Search
  English  ▼

X  

0201 Datasheet(PDF) 12 Page - YAGEO Corporation

Part # 0201
Description  Surface-Mount Ceramic Multilayer Capacitors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

0201 Datasheet(HTML) 12 Page - YAGEO Corporation

Back Button 0201 Datasheet HTML 5Page - YAGEO Corporation 0201 Datasheet HTML 6Page - YAGEO Corporation 0201 Datasheet HTML 7Page - YAGEO Corporation 0201 Datasheet HTML 8Page - YAGEO Corporation 0201 Datasheet HTML 9Page - YAGEO Corporation 0201 Datasheet HTML 10Page - YAGEO Corporation 0201 Datasheet HTML 11Page - YAGEO Corporation 0201 Datasheet HTML 12Page - YAGEO Corporation 0201 Datasheet HTML 13Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
www.yageo.com
Oct 05, 2021 V.11
General Purpose & High Cap.
6.3 V to 50 V
Surface-Mount Ceramic Multilayer Capacitors
12
13
Product specification
Y5V
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
Endurance
IEC 60384-
21/22
4.14
1.
Preconditioning, class 2 only:
150 +0/-10 °C /1 hour, then keep for
24 ± 1 hour at room temp
2.
Initial measure:
Spec: refer initial spec C, D, IR
3.
Endurance test:
Temperature: Y5V: 85 °C
Specified stress voltage applied for 1,000 hours:
Applied 2.0 x Ur for general product.
Applied 1.5 x Ur for high cap. product.
4.
Recovery time: 24 ± 2 hours
5.
Final measure: C, D, IR
P.S. If the capacitance value is less than the minimum
value permitted, then after the other measurements
have been made the capacitor shall be precondition
according to “IEC 60384 4.1” and then the
requirement shall be met.
No visual damage
<General purpose series>
∆C/C
Class2:
Y5V: ± 30%
D.F.
Class2:
Y5V: ≤ 15%
Rins
Class2:
Y5V: ≥ 1,000 MΩ or Rins x Cr ≥ 50s
whichever is less
<High Capacitance series>
∆C/C
Class 2:
Y5V: ± 30%
D.F.
Class 2:
Y5V: 2 x initial value max
Rins
Class 2:
Y5V: 1,000 MΩ or Rins x Cr ≥ 10s
whichever is less
Voltage proof IEC 60384-1 4.6
Specified stress voltage applied for 1~5 seconds
Ur ≤ 100 V: series applied 2.5 Ur
Charge/Discharge current is less than 50 mA
No breakdown or flashover



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com