Electronic Components Datasheet Search
  English  ▼

X  

0201 Datasheet(PDF) 5 Page - YAGEO Corporation

Part # 0201
Description  Surface-Mount Ceramic Multilayer Capacitors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

0201 Datasheet(HTML) 5 Page - YAGEO Corporation

  0201 Datasheet HTML 1Page - YAGEO Corporation 0201 Datasheet HTML 2Page - YAGEO Corporation 0201 Datasheet HTML 3Page - YAGEO Corporation 0201 Datasheet HTML 4Page - YAGEO Corporation 0201 Datasheet HTML 5Page - YAGEO Corporation 0201 Datasheet HTML 6Page - YAGEO Corporation 0201 Datasheet HTML 7Page - YAGEO Corporation 0201 Datasheet HTML 8Page - YAGEO Corporation 0201 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
www.yageo.com
Oct 05, 2021 V.11
General Purpose & High Cap.
6.3 V to 50 V
Surface-Mount Ceramic Multilayer Capacitors
5
13
Product specification
Y5V
Table 4 Sizes from 1206 to 1210
CAP.
1206
1210
6.3 V
10 V
16 V
25 V
50 V
6.3 V
10 V
16 V
25 V
50V
10 nF
0.6± 0.1
0.6± 0.1
22 nF
0.6± 0.1
0.6± 0.1
47 nF
0.6± 0.1
0.6± 0.1
100 nF
0.6± 0.1
0.6± 0.1
220 nF
0.6± 0.1
0.6± 0.1
470 nF
0.85± 0.1
0.85± 0.1
1.0 µF
0.85± 0.1
2.2 µF
0.85± 0.1
0.85± 0.1
0.85± 0.1
4.7 µF
0.85± 0.1
0.85± 0.1
10 µF
0.85± 0.1
0.85± 0.1
1.15± 0.1
1.6± 0.2
1.5± 0.1
1.5± 0.1
1.5± 0.1
1.5± 0.1
1.5± 0.1
22 µF
1.6± 0.2
1.6± 0.2
1.6± 0.2
1.6± 0.2
1.6± 0.2
1.6± 0.2
47 µF
NOTE
1. Values in shaded cells indicate thickness class in mm
2. Capacitance value of non E-3 series is on request
CAPACITANCE RANGE & THICKNESS FOR Y5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com