Electronic Components Datasheet Search
  English  ▼

X  

0201 Datasheet(PDF) 13 Page - YAGEO Corporation

Part # 0201
Description  Surface-Mount Ceramic Multilayer Capacitors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

0201 Datasheet(HTML) 13 Page - YAGEO Corporation

Back Button 0201 Datasheet HTML 5Page - YAGEO Corporation 0201 Datasheet HTML 6Page - YAGEO Corporation 0201 Datasheet HTML 7Page - YAGEO Corporation 0201 Datasheet HTML 8Page - YAGEO Corporation 0201 Datasheet HTML 9Page - YAGEO Corporation 0201 Datasheet HTML 10Page - YAGEO Corporation 0201 Datasheet HTML 11Page - YAGEO Corporation 0201 Datasheet HTML 12Page - YAGEO Corporation 0201 Datasheet HTML 13Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
www.yageo.com
Oct 05, 2021 V.11
General Purpose & High Cap.
6.3 V to 50 V
Surface-Mount Ceramic Multilayer Capacitors
13
13
Product specification
Y5V
REVISION HISTORY
REVISION DATE
CHANGE NOTIFICATION
DESCRIPTION
Version 11
Oct. 05, 2021
-
- Update 0805, 1210 I.R. spec, modify 0402 L4 spec
Version 10
Apr. 29, 2021
-
- Update 1206 ≥ 10 µF, 16V Df value
Version 9
Nov. 11, 2019 -
- Add 0603, 4.7uF, 10V
Version 8
Mar. 7, 2017
-
- 0805 L4 spec updated
Version 7
Dec. 9, 2016
-
- Soldering recommendation update
Version 6
Jan. 12, 2016
-
- Update capacitance range & thickness
Version 5
Jul. 29, 2010
-
- Modify the last 2-digit of 12NC
Version 4
Jun. 24, 2010
-
- Dimension on 1206 case size updated
Version 3
Apr. 22, 2010
-
- Dimension updated
Version 2
Feb. 04, 2010
-
- The statement of "Halogen Free" on the cover added
Version 1
Nov. 04, 2009 -
- Ordering code updated
- Dimension updated
Version 0
Apr. 15, 2009
-
- New datasheet for general purpose and high capacitance Y5V series with
RoHS compliant
- Replace the "6.3V to 50V" part of pdf files: Y5V_6.3V_10V_9_Preliminary,
Y5V_10V-to-50V_10_Preliminary, Y5V_16V_25V_50V_11
- Combine 0201 from pdf files: UP-NP0X5RX7RY5V_0201_6.3-to-50V_2
and UY-NPOX5RX7RY5V_0201_6.3-to-50V_2
- Define global part number
- Description of "Halogen Free compliant" added
- Test method and procedure updated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com