Electronic Components Datasheet Search
  English  ▼

X  

0201 Datasheet(PDF) 4 Page - YAGEO Corporation

Part # 0201
Description  Surface-Mount Ceramic Multilayer Capacitors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

0201 Datasheet(HTML) 4 Page - YAGEO Corporation

  0201 Datasheet HTML 1Page - YAGEO Corporation 0201 Datasheet HTML 2Page - YAGEO Corporation 0201 Datasheet HTML 3Page - YAGEO Corporation 0201 Datasheet HTML 4Page - YAGEO Corporation 0201 Datasheet HTML 5Page - YAGEO Corporation 0201 Datasheet HTML 6Page - YAGEO Corporation 0201 Datasheet HTML 7Page - YAGEO Corporation 0201 Datasheet HTML 8Page - YAGEO Corporation 0201 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.yageo.com
Oct 05, 2021 V.11
General Purpose & High Cap.
6.3 V to 50 V
Surface-Mount Ceramic Multilayer Capacitors
4
13
Product specification
Y5V
CAPACITANCE RANGE & THICKNESS FOR Y5V
Table 2 Sizes from 0201 to 0402
CAP.
0201
0402
6.3 V
25 V
6.3 V
10 V
16 V
25 V
50 V
10 nF
0.3± 0.03
0.5± 0.05
0.5± 0.05
0.5± 0.05
0.5± 0.05
22 nF
0.5± 0.05
0.5± 0.05
0.5± 0.05
47 nF
0.5± 0.05
0.5±0.05
0.5± 0.05
100 nF
0.3± 0.03
0.5± 0.05
0.5± 0.05
0.5± 0.05
0.5± 0.05
220 nF
0.5± 0.05
0.5± 0.05
0.5± 0.05
470 nF
0.5± 0.05
0.5± 0.05
0.5± 0.05
1.0 µF
0.5± 0.05
0.5± 0.05
2.2 µF
4.7 µF
10 µF
22 µF
47 µF
Table 3 Sizes from 0603 to 0805
CAP.
0603
0805
6.3 V
10 V
16 V
25 V
50 V
6.3 V
10 V
16 V
25 V
50 V
10 nF
0.8± 0.1
0.8± 0.1
0.6± 0.1
0.6± 0.1
22 nF
0.8± 0.1
0.8± 0.1
0.6± 0.1
0.6± 0.1
47 nF
0.8± 0.1
0.8± 0.1
0.6± 0.1
0.6± 0.1
100 nF
0.8± 0.1
0.8± 0.1
0.8± 0.1
0.6± 0.1
0.6± 0.1
220 nF
0.8± 0.1
0.8± 0.1
0.6± 0.1
0.85± 0.1
0.85± 0.1
470 nF
0.8± 0.1
0.8± 0.1
0.85± 0.1
0.85± 0.1
0.85± 0.1
1.0 µF
0.8± 0.1
0.8± 0.1
0.8± 0.1
0.8± 0.1
0.85± 0.1
0.85± 0.1
1.25± 0.2
2.2 µF
0.8± 0.1
0.8± 0.1
0.8± 0.1
0.85± 0.1
0.85± 0.1
0.85± 0.1
1.25± 0.2
4.7 µF
0.8± 0.1
0.8± 0.1
0.85± 0.1
0.85± 0.1
1.25± 0.2
10 µF
1.25± 0.2
1.25± 0.2
22 µF
1.25± 0.2
1.25±0.2
47 µF
NOTE
1. Values in shaded cells indicate thickness class in mm
2. Capacitance value of non E-3 series is on request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com