Electronic Components Datasheet Search
  English  ▼

X  

MIC4722 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC4722
Description  3mm x 3mm 2.7MHz 3A PWM Buck Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4722 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC4722 Datasheet HTML 2Page - Micrel Semiconductor MIC4722 Datasheet HTML 3Page - Micrel Semiconductor MIC4722 Datasheet HTML 4Page - Micrel Semiconductor MIC4722 Datasheet HTML 5Page - Micrel Semiconductor MIC4722 Datasheet HTML 6Page - Micrel Semiconductor MIC4722 Datasheet HTML 7Page - Micrel Semiconductor MIC4722 Datasheet HTML 8Page - Micrel Semiconductor MIC4722 Datasheet HTML 9Page - Micrel Semiconductor MIC4722 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Micrel, Inc.
MIC4722
September 2007
6
M9999-090507-B
Functional Characteristics
Continuous Current
Time (200ns/div)
VIN = 3.3V
VOUT = 1V
L = 1µH
COUT = 4.7µF
IOUT = 1A
0A
Discontinuous Current
Time (200ns/div)
VIN = 3.3V
VOUT = 1V
L = 1µH
COUT = 4.7µF
IOUT = 300mA
0A
Load Transient
Time (400µs/div)
VIN = 3.3V
VOUT = 1.8V
0A
Output Ripple
Time (400ns/div)
IOUT = 3A
Start-Up Waveforms
Time (40µs/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com