Electronic Components Datasheet Search
  English  ▼

X  

MIC4722 Datasheet(PDF) 19 Page - Micrel Semiconductor

Part # MIC4722
Description  3mm x 3mm 2.7MHz 3A PWM Buck Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4722 Datasheet(HTML) 19 Page - Micrel Semiconductor

Back Button MIC4722 Datasheet HTML 12Page - Micrel Semiconductor MIC4722 Datasheet HTML 13Page - Micrel Semiconductor MIC4722 Datasheet HTML 14Page - Micrel Semiconductor MIC4722 Datasheet HTML 15Page - Micrel Semiconductor MIC4722 Datasheet HTML 16Page - Micrel Semiconductor MIC4722 Datasheet HTML 17Page - Micrel Semiconductor MIC4722 Datasheet HTML 18Page - Micrel Semiconductor MIC4722 Datasheet HTML 19Page - Micrel Semiconductor MIC4722 Datasheet HTML 20Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Micrel, Inc.
MIC4722
September 2007
19
M9999-090507-B
MIC4722 Schematic and BOM for 3A Output
Item
Part Number
Description
Manufacturer
Qty
C1,C2
C2012JB0J106K
GRM219R60J106KE19
08056D106MAT
10µF Ceramic Capacitor X5R 0805 6.3V
10µF Ceramic Capacitor X5R 0805 6.3V
10µF Ceramic Capacitor X5R 0805 6.3V
TDK
Murata
AVX
2
C3
0402ZD104MAT
0.1µF Ceramic Capacitor X5R 0402 10V
AVX
1
C4
C2012JB0J475K
GRM188R60J475KE19
06036D475MAT
4.7µF Ceramic Capacitor X5R 0603 6.3V
4.7µF Ceramic Capacitor X5R 0603 6.3V
4.7µF Ceramic Capacitor X5R 0603 6.3V
TDK
Murata
AVX
1
C5
VJ0402A820KXAA
82pF Ceramic Capacitor 0402
Vishay VT
1
D1
SSA33L
3A Schottky 30V SMA
Vishay Semi
1
L1
IHLP2525AHERR47M01 0.47µH Inductor 8.4mΩ 6.47mm(L)x6.86mm(W)x1.8mm(H)
Vishay Dale
1
R1,R4
CRCW04021002F
10KΩ1% 0402 resistor
Vishay Dale
1
R2
CRCW04026651F
CRCW04021242F
CRCW04022002F
CRCW04024022F
6.65kΩ 1% 0402 For 2.5VOUT
12.4kΩ 1% 0402 For 1.8 VOUT
20kΩ 1% 0402 For 1.5 VOUT
40.2kΩ 1% 0402 For 1.2 VOUT
Open
For 1.0 VOUT
Vishay Dale
Vishay Dale
Vishay Dale
Vishay Dale
Vishay Dale
1
R3
CRCW040210R0F
10Ω1% 0402 resistor
Vishay Dale
1
U1
MIC4722YML
2.7MHz 3A Buck Regulator
Micrel, Inc.
1
Notes:
1.
TDK: www.tdk.com
2.
Murata: www.murata.com
3.
AVX: www.avx.com
4.
Vishay: www.vishay.com
5.
Wurth Elektronik: www.we-online.com
6.
Micrel, Inc: www.micrel.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com