Electronic Components Datasheet Search
  English  ▼

X  

MIC4722 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC4722
Description  3mm x 3mm 2.7MHz 3A PWM Buck Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4722 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC4722 Datasheet HTML 5Page - Micrel Semiconductor MIC4722 Datasheet HTML 6Page - Micrel Semiconductor MIC4722 Datasheet HTML 7Page - Micrel Semiconductor MIC4722 Datasheet HTML 8Page - Micrel Semiconductor MIC4722 Datasheet HTML 9Page - Micrel Semiconductor MIC4722 Datasheet HTML 10Page - Micrel Semiconductor MIC4722 Datasheet HTML 11Page - Micrel Semiconductor MIC4722 Datasheet HTML 12Page - Micrel Semiconductor MIC4722 Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Micrel, Inc.
MIC4722
September 2007
9
M9999-090507-B
Application Information
The MIC4722 is a 3A PWM non-synchronous buck
regulator. By switching an input voltage supply, and
filtering the switched voltage through an Inductor and
capacitor, a regulated DC voltage is obtained. Figure 1
shows a simplified example of a non-synchronous buck
converter.
Figure 1. Example of non-synchronous buck converter
For a non-synchronous buck converter, there are two
modes of operation; continuous and discontinuous.
Continuous or discontinuous refer to the inductor
current. If current is continuously flowing through the
inductor throughout the switching cycle, it is in
continuous operation. If the inductor current drops to
zero during the off time, it is in discontinuous operation.
Critically continuous is the point where any decrease in
output current will cause it to enter discontinuous
operation. The critically continuous load current can be
calculated as follows;
L
2
2.7MHz
V
V
V
I
IN
2
OUT
OUT
OUT
×
×
⎥
⎥
⎦
⎤
⎢
⎢
⎣
⎡
−
=
Continuous or discontinuous operation determines how
we calculate peak inductor current.
Continuous Operation
Figure 2 illustrates the switch voltage and inductor
current during continuous operation.
Figure 2. Continuous Operation
The output voltage is regulated by pulse width
modulating (PWM) the switch voltage to the average
required output voltage. The switching can be broken up
into two cycles; On and Off.
During the on-time,
the high side switch is turned on,
current flows from the input supply through the inductor
and to the output. The inductor current is
Figure 3. On-Time
charged at the rate;
(
)
L
V
V
OUT
IN −
To determine the total on-time, or time at which the
inductor charges, the duty cycle needs to be calculated.
The duty cycle can be calculated as;
IN
OUT
V
V
D
=
and the On time is;
2.7MHz
D
TON =
Therefore, peak to peak ripple current is;
()
L
2.7MHz
V
V
V
V
I
IN
OUT
OUT
IN
pk
pk
×
×
−
=
−
Since the average peak to peak current is equal to the
load current. The actual peak (or highest current the
inductor will see in a steady state condition) is equal to
the output current plus ½ the peak-to-peak current.
()
L
2.7MHz
2
V
V
V
V
I
I
IN
OUT
OUT
IN
OUT
pk
×
×
×
−
+
=
Figure 4 demonstrates the off-time. During the off-time,
the high-side internal P-channel MOSFET turns off.
Since the current in the inductor has to discharge, the
current flows through the free-wheeling Schottky diode
to the output. In this case, the inductor discharge rate is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com