Electronic Components Datasheet Search
  English  ▼

X  

MIC4722 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC4722
Description  3mm x 3mm 2.7MHz 3A PWM Buck Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4722 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC4722 Datasheet HTML 7Page - Micrel Semiconductor MIC4722 Datasheet HTML 8Page - Micrel Semiconductor MIC4722 Datasheet HTML 9Page - Micrel Semiconductor MIC4722 Datasheet HTML 10Page - Micrel Semiconductor MIC4722 Datasheet HTML 11Page - Micrel Semiconductor MIC4722 Datasheet HTML 12Page - Micrel Semiconductor MIC4722 Datasheet HTML 13Page - Micrel Semiconductor MIC4722 Datasheet HTML 14Page - Micrel Semiconductor MIC4722 Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Micrel, Inc.
MIC4722
September 2007
11
M9999-090507-B
high side switch, and lower duty cycles place the power
losses on the Schottky diode.
Inductor conduction losses (PL) can be calculated by
multiplying the DC resistance (DCR) times the square of
the output current;
2
OUT
L
I
DCR
P
×
=
Also, be aware that there are additional core losses
associated with switching current in an inductor. Since
most inductor manufacturers do not give data on the
type of material used, approximating core losses
becomes very difficult, so verify inductor temperature
rise.
Switching losses occur twice each cycle, when the
switch turns on and when the switch turns off. This is
caused by a non-ideal world where switching transitions
are not instantaneous, and neither are currents. Figure 6
demonstrates how switching losses due to the
transitions dissipate power in the switch.
Figure 6. Switching Transition Losses
Normally, when the switch is on, the voltage across the
switch is low (virtually zero) and the current through the
switch is high. This equates to low power dissipation.
When the switch is off, voltage across the switch is high
and the current is zero, again with power dissipation
being low. During the transitions, the voltage across the
switch (VS-D) and the current through the switch (IS-D) are
at middle, causing the transition to be the highest
instantaneous power point. During continuous mode,
these losses are the highest. Also, with higher load
currents, these losses are higher. For discontinuous
operation, the transition losses only occur during the “off”
transition since the “on” transitions there is no current
flow through the inductor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com