Electronic Components Datasheet Search
  English  ▼

X  

LT6005IDHC Datasheet(PDF) 12 Page - Linear Technology

Part # LT6005IDHC
Description  1.6V, 1關A Precision Rail-to-Rail Input and Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6005IDHC Datasheet(HTML) 12 Page - Linear Technology

Back Button LT6005IDHC Datasheet HTML 8Page - Linear Technology LT6005IDHC Datasheet HTML 9Page - Linear Technology LT6005IDHC Datasheet HTML 10Page - Linear Technology LT6005IDHC Datasheet HTML 11Page - Linear Technology LT6005IDHC Datasheet HTML 12Page - Linear Technology LT6005IDHC Datasheet HTML 13Page - Linear Technology LT6005IDHC Datasheet HTML 14Page - Linear Technology LT6005IDHC Datasheet HTML 15Page - Linear Technology LT6005IDHC Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LT6003/LT6004/LT6005
12
600345f
1.5V
0.25V
1ms/DIV
AV = 1
VS = 1.8V, 0V
CL = 100pF
RL = 100k
600345 G27
200
µs/DIV
200mV/DIV
AV = 1
VS = ±2.5V
CL = 50pF
RL = 1M
600345 G28
Large-Signal Response
Large-Signal Response
Small-Signal Response
4.5V
0.5V
1ms/DIV
AV = 1
VS = 5V, 0V
CL = 100pF
RL = 100k
600345 G26
5ms/DIV
2V/DIV
VIN
VOUT
AV = –1
VS = ±2.5V
RF = RG = 1M
600345 G29
Output Saturation Recovery
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com